전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5120 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 5120
상세설명  IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5120 데이터시트(HTML) 1 Page - Schurter Inc.

  5120_V02 Datasheet HTML 1Page - Schurter Inc. 5120_V02 Datasheet HTML 2Page - Schurter Inc. 5120_V02 Datasheet HTML 3Page - Schurter Inc. 5120_V02 Datasheet HTML 4Page - Schurter Inc. 5120_V02 Datasheet HTML 5Page - Schurter Inc. 5120_V02 Datasheet HTML 6Page - Schurter Inc. 5120_V02 Datasheet HTML 7Page - Schurter Inc. 5120_V02 Datasheet HTML 8Page - Schurter Inc. 5120_V02 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Power Entry Modules with Line Filter
5120
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
Snap-in mounting
from front side
Front side mounting with plastic flange
Snap-in 2 - 3 mm
with wires (stranded)
See below:
Approvals and Compliances
C14
70° C
C18
70° C
Description
- Panel mount :
Screw-on version from front or rear side, snap-in version from front
side, PCB Version from rear side
- 2 Functions :
Appliance Inlet protection class I or II , Line filter in standard and medi-
cal version
- Solder/quick connect/wire (stranded)
- PCB
- Earth Terminal
Unique Selling Proposition
- V-Lock cord retaining
- Metal flange for optimal shielding
- Compact design
- Variants for protection class I and II
Characteristics
- Compact high performance filter
Optimal shielding due to completely closed filter case, unpotted
- Suitable for assembly in metal plated plastic housings
- Suitable for use in medical equipment according to IEC/UL 60601-1 (1
MOOP, 1 MOPP)
For applications according IEC/UL 62368-1 we recommend variants
with bleed resistor
Other versions on request
- Snap-in for panel thickness >2mm to 3mm
- flexible wire with various lenghts
- Class X1- and Y1-capacitors for enhanced withstand voltage
- Medical Version (M80)
References
Alternative: version without line filter 6100-3; 6100-4; 6102-3; 6102-5
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 15 A @ Ta 40 °C / 250 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
front side IP40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Solder terminals
Flexible wire AWG18 (15A AWG16),
150 mm
Panel Thickness S
Screw with plastic flange: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 0.8 mm to 2 mm
(all steps with one variant)
Material: Housing
Themoplast / steel tin-plated, black /
metallic, UL 94V-0
Appliance inlet/-outlet
C14 / C18 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I or II
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 3'000'000 h acc. to MIL-HB-217 F
Approvals and Compliances


유사한 부품 번호 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results

유사한 설명 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V01 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V02 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
04.01.2022
5123 SCHURTER-5123 Datasheet
1Mb / 9P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
FGS SCHURTER-FGS Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com