전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5120 데이터시트(PDF) 10 Page - Schurter Inc.

부품명 5120
상세설명  IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5120 데이터시트(HTML) 10 Page - Schurter Inc.

Back Button 5120_V02 Datasheet HTML 4Page - Schurter Inc. 5120_V02 Datasheet HTML 5Page - Schurter Inc. 5120_V02 Datasheet HTML 6Page - Schurter Inc. 5120_V02 Datasheet HTML 7Page - Schurter Inc. 5120_V02 Datasheet HTML 8Page - Schurter Inc. 5120_V02 Datasheet HTML 9Page - Schurter Inc. 5120_V02 Datasheet HTML 10Page - Schurter Inc. 5120_V02 Datasheet HTML 11Page - Schurter Inc. 5120_V02 Datasheet HTML 12Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Power Entry Modules with Line Filter
5120
https://www.schurter.com /PG06
EMC Products
Rated Cur-
rent [A]
Filter-Type
Mounting
Mounting side
Terminal
Protection Class
V-Lock Order Number
2
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.1301.0
4
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.1303.0
6
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.1304.0
10
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.1306.0
10
Medical Version (M5)
Screw
Rear Side
Flexible wire and
Earth pin 6.3 x 0.8
I
l
5120.1346.0
15
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.1307.0
1
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2300.1
2
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2301.1
4
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2303.1
6
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2304.1
10
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2306.1
15
Medical Version (M5)
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.2307.1
4
Medical Version (M5)
Screw/Soldering on PCB
Rear Side
PCB pin and earth
pin 6.3 x 0.8
II
l
5120.4373.1
6
Medical Version (M5)
Screw/Soldering on PCB
Rear Side
PCB pin and earth
pin 6.3 x 0.8
II
l
5120.4374.1
4
Medical Version (M5)
Screw/Soldering and Snap-in on
PCB
Rear Side
PCB pin and earth
pin 6.3 x 0.8
II
l
5120.5373.1
6
Medical Version (M5)
Screw/Soldering and Snap-in on
PCB
Rear Side
PCB pin and earth
pin 6.3 x 0.8
II
l
5120.5374.1
10
Medical Version (M5)
Screw/Soldering and Snap-in on
PCB
Rear Side
PCB pin and earth
pin 6.3 x 0.8
II
l
5120.5376.1
2
Medical Version (M5)
Screw-on/Rivet
Front-/Rear-Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.0301.1
4
Medical Version (M5)
Screw-on/Rivet
Front-/Rear-Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.0303.1
6
Medical Version (M5)
Screw-on/Rivet
Front-/Rear-Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.0304.1
10
Medical Version (M5)
Screw-on/Rivet
Front-/Rear-Side
Solder terminals
II
l
5120.0316.1
1
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.1300.1
2
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.1301.1
2
Medical Version (M5)
Screw
Rear Side
Solder terminals
II
l
5120.1311.1
4
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.1303.1
6
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.1304.1
10
Medical Version (M5)
Screw
Rear Side
Quick connect
terminals 6.3 x
0.8 mm
II
l
5120.1306.1
2
Bleed Resistor Version
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.2201.0
4
Bleed Resistor Version
Snap-in
Front Side
Quick connect
terminals 6.3 x
0.8 mm
I
l
5120.2203.0


유사한 부품 번호 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results

유사한 설명 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V01 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V02 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
04.01.2022
5123 SCHURTER-5123 Datasheet
1Mb / 9P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
FGS SCHURTER-FGS Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com