전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33-50-410-0306-100 데이터시트(PDF) 2 Page - HARTING Technology Group

부품명 33-50-410-0306-100
상세설명  Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARTING [HARTING Technology Group]
홈페이지  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

33-50-410-0306-100 데이터시트(HTML) 2 Page - HARTING Technology Group

  33-50-410-0306-100 Datasheet HTML 1Page - HARTING Technology Group 33-50-410-0306-100 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
33 50 410 0306 100
Han F+B CA 17D 0,5mm² m/- st/- PUR 10,0m
Technical characteristics
Minimum bending radius
10x Cable diameter (repeated bending)
5x Cable diameter (singular bending)
Material properties
Material (cable)
PUR (polyurethane)
Colour (cable)
Grey
Specifications and approvals
Specifications
EN 50525-1
IEC 60228
EN 50363-3
EN 50363-10-2
Approvals
Ecolab Topactive 200
Ecolab Topactive 500
Ecolab Topactive OKTO
Ecolab Topax 66
Ecolab Topax 990
Commercial data
Packaging size
1
Country of origin
Germany
European customs tariff number
85444290
eCl@ss
27060311 Assembled sensor actuator-line
Page 2 / 2 | Creation date 2021-12-08 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Customised Solutions GmbH & Co. KG | In der Tütenbeke 22 | 32339 Espelkamp | Germany
Phone +49 5772 47-0 | info@HARTING.com | www.HARTING.com


유사한 부품 번호 - 33-50-410-0306-100

제조업체부품명데이터시트상세설명
logo
HARTING Technology Grou...
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-410-0306-075 HARTING-33-50-410-0306-075 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 7,5m
2021-12-08
More results

유사한 설명 - 33-50-410-0306-100

제조업체부품명데이터시트상세설명
logo
HARTING Technology Grou...
09-15-508-3001 HARTING-09-15-508-3001 Datasheet
1Mb / 3P
Han FB 4/4-M
2021-10-01
09-15-517-3001 HARTING-09-15-517-3001 Datasheet
474Kb / 2P
Han FB 17D SMC MI CRT
2021-10-01
09-15-517-3101 HARTING-09-15-517-3101 Datasheet
478Kb / 2P
Han FB 17D SMC FI CRT
2021-10-01
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-410-0306-075 HARTING-33-50-410-0306-075 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-050 HARTING-33-50-420-0306-050 Datasheet
505Kb / 2P
Han FB CA 17D 0,5mm짼 f/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
33-50-430-0339-010 HARTING-33-50-430-0339-010 Datasheet
532Kb / 2P
Han FB 17D PFT 0,5mm짼 m/- st/- PVC 1,0m
2021-12-08
33-50-440-0339-010 HARTING-33-50-440-0339-010 Datasheet
512Kb / 2P
Han FB 17D PFT 0,5mm짼 f/- st/- PVC 1,0m
2021-12-08
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com