| 전자부품 데이터시트 검색엔진 |
|
STM32MP153A 데이터시트(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP153A 데이터시트(HTML) 117 Page - STMicroelectronics |
|
117 / 256 page ![]() Port J PJ15 ---- -- LCD_B3 EVENTOUT Port K PK0 ---- -- LCD_G5 EVENTOUT PK1 ---- -- LCD_G6 EVENTOUT PK2 ---- -- LCD_G7 EVENTOUT PK3 ---- -- LCD_B4 EVENTOUT PK4 ---- -- LCD_B5 EVENTOUT PK5 ---- -- LCD_B6 EVENTOUT PK6 ---- -- LCD_B7 EVENTOUT PK7 ---- -- LCD_DE EVENTOUT Port Z PZ0 SPI6_SCK - - - - - - EVENTOUT PZ1 SPI6_MISO - - - - - - EVENTOUT PZ2 SPI6_MOSI - - - - - - EVENTOUT PZ3 SPI6_NSS - - - - - - EVENTOUT PZ4 ---- --- EVENTOUT PZ5 ---- --- EVENTOUT PZ6 ---- --- EVENTOUT PZ7 ---- --- EVENTOUT 1. Refer to Table 8 for AF0 to AF7. Table 9. Alternate function AF8 to AF15(1) (continued) Port AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SPI6/SAI2/ USART3/ UART4/5/8/ SDMMC1/2/ SPDIFRX FDCAN1/2/ TIM13/14/ QUADSPI/ SDMMC2/3/ LCD/SPDIFRX SAI2/4/ QUADSPI/ FMC/ SDMMC2/3/ OTG_FS/ OTG_HS DFSDM1/ QUADSPI/ SDMMC1/ MDIOS/ETH1 SAI4/UART5/ FMC/SDMMC1/ MDIOS UART7/DCMI/ LCD/RNG UART5/LCD SYS |