전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC584CX 데이터시트(PDF) 137 Page - STMicroelectronics

부품명 SPC584CX
상세설명  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX 데이터시트(HTML) 137 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 133Page - STMicroelectronics SPC584CX Datasheet HTML 134Page - STMicroelectronics SPC584CX Datasheet HTML 135Page - STMicroelectronics SPC584CX Datasheet HTML 136Page - STMicroelectronics SPC584CX Datasheet HTML 137Page - STMicroelectronics SPC584CX Datasheet HTML 138Page - STMicroelectronics SPC584CX Datasheet HTML 139Page - STMicroelectronics SPC584CX Datasheet HTML 140Page - STMicroelectronics SPC584CX Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 153 page
background image
DS11620 Rev 8
137/153
SPC584Cx, SPC58ECx
Electrical characteristics
139
Table 79. Code Flash Options FOTA (KByte)
SPC58xC80 (4M)
SPC58xC74
(3M)(1)
SPC58xC70
(2M)(1)
Partition
Start address
End address
16
16
16
1
0x00FC0000
0x00FC3FFF
16
16
16
0
0x00FC4000
0x00FC7FFF
16
16
16
1
0x00FC8000
0x00FCBFFF
16
16
16
0
0x00FCC000
0x00FCFFFF
32
32
32
0
0x00FD0000
0x00FD7FFF
32
32
32
1
0x00FD8000
0x00FDFFFF
64
64
64
0
0x00FE0000
0x00FEFFFF
64
64
64
0
0x00FF0000
0x00FFFFFF
128
128
128
0
0x01000000
0x0101FFFF
128
128
128
1
0x01020000
0x0103FFFF
256
256
256
0
0x01040000
0x0107FFFF
256
256
256
0
0x01080000
0x010BFFFF
256
256
256
0
0x010C0000
0x010FFFFF
256
256
NA
0
0x01100000
0x0113FFFF
256
256
NA
0
0x01140000
0x0117FFFF
256
NA
NA
0
0x01180000
0x011BFFFF
256
NA
NA
0
0x011C0000
0x011FFFFF
256
256
256
1
0x01200000
0x0123FFFF
256
256
256
1
0x01240000
0x0127FFFF
256
256
256
1
0x01280000
0x012BFFFF
256
256
NA
1
0x012C0000
0x012FFFFF
256
256
NA
1
0x01300000
0x0133FFFF
256
NA
NA
1
0x01340000
0x0137FFFF
256
NA
NA
1
0x01380000
0x013BFFFF
1.
The user must use this mapping without mixing it with the Contiguous one in Table 80.
Table 80. Code Flash Options contiguous (KByte)
SPC58xC80 (4M)
SPC58xC74
(3M)(1)
SPC58xC70
(2M)(1)
Partition
Start address
End address
16
16
16
1
0x00FC0000
0x00FC3FFF
16
16
16
0
0x00FC4000
0x00FC7FFF
16
16
16
1
0x00FC8000
0x00FCBFFF
16
16
16
0
0x00FCC000
0x00FCFFFF
32
32
32
0
0x00FD0000
0x00FD7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More