전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF644STRLPBFA 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 IRF644STRLPBFA
상세설명  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644STRLPBFA 데이터시트(HTML) 4 Page - Vishay Siliconix

  IRF644STRLPBFA Datasheet HTML 1Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF644S, SiHF644S
www.vishay.com
Vishay Siliconix
S20-0682-Rev. E, 07-Sep-2020
4
Document Number: 91040
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
101
100
VSD, Source-to-Drain Voltage (V)
0.5
0.9
0.8
0.7
0.6
25
°C
150
°C
V
GS = 0 V
91040_07
10-1
1.1
1.0
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
2
5
1
2
5
10
2
5
25
110
25
102
25
103
91040_08
103
TC, Case Temperature (°C)
4
6
8
10
12
14
25
150
125
100
75
50
91040_09
0
2
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0
− 0.5
0.2
0.1
0.05
0.02
0.01
91040_11


유사한 부품 번호 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
logo
Vishay Siliconix
IRF644S VISHAY-IRF644S Datasheet
186Kb / 8P
Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRF644SPBF IRF-IRF644SPBF Datasheet
3Mb / 8P
HEXFET Power MOSFET
More results

유사한 설명 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com