전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF644STRLPBFA 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRF644STRLPBFA
상세설명  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644STRLPBFA 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRF644STRLPBFA Datasheet HTML 1Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF644S, SiHF644S
www.vishay.com
Vishay Siliconix
S20-0682-Rev. E, 07-Sep-2020
2
Document Number: 91040
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Pulse width
 300 μs; duty cycle  2 %
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum junction-to-ambient
RthJA
-62
°C/W
Maximum junction-to-ambient
(PCB mount) a
RthJA
-40
Maximum junction-to-case (drain)
RthJC
-1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0, ID = 250 μA
250
-
-
V
VDS temperature coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.34
-
V/°C
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-source leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = 250 V, VGS = 0 V
-
-
25
μA
VDS = 200 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-source on-state resistance
RDS(on)
VGS = 10 V
ID = 8.4 A b
-
-
0.28
Forward transconductance
gfs
VDS = 50 V, ID = 8.4 A b
6.7
-
-
S
Dynamic
Input capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1300
-
pF
Output capacitance
Coss
-
330
-
Reverse transfer capacitance
Crss
-85
-
Total gate charge
Qg
VGS = 10 V
ID = 7.9 A, VDS = 200 V,
see fig. 6 and 13 b
--
68
nC
Gate-source charge
Qgs
--
11
Gate-drain charge
Qgd
--
35
Turn-on delay time
td(on)
VDD = 125 V, ID = 7.9 A,
Rg = 9.1 , RD = 8.7 , see fig. 10 b
-11
-
ns
Rise time
tr
-24
-
Turn-off delay time
td(off)
-53
-
Fall time
tf
-49
-
Gate input resistance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal drain inductance
LS
-7.5
-
Internal source inductance
Rg
f = 1 MHz, open drain
0.3
-
1.2
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
14
A
Pulsed diode forward current a
ISM
--
56
Body diode voltage
VSD
TJ = 25 °C, IS = 14 A, VGS = 0 V b
--
1.8
V
Body diode reverse recovery time
trr
TJ = 25 °C, IF = 7.9 A, di/dt = 100 A/μs b
-
250
500
ns
Body diode reverse recovery charge
Qrr
-2.3
4.6
μC
Forward turn-on time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


유사한 부품 번호 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
logo
Vishay Siliconix
IRF644S VISHAY-IRF644S Datasheet
186Kb / 8P
Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRF644SPBF IRF-IRF644SPBF Datasheet
3Mb / 8P
HEXFET Power MOSFET
More results

유사한 설명 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com