전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF644STRLPBFA 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 IRF644STRLPBFA
상세설명  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644STRLPBFA 데이터시트(HTML) 3 Page - Vishay Siliconix

  IRF644STRLPBFA Datasheet HTML 1Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRF644STRLPBFA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF644S, SiHF644S
www.vishay.com
Vishay Siliconix
S20-0682-Rev. E, 07-Sep-2020
3
Document Number: 91040
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
91040_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91040_02
4.5 V
20 µs Pulse Width
V
DS = 50 V
101
100
10-1
VGS, Gate-to-Source Voltage (V)
567
8
9
10
4
25
°C
150
°C
91040_03
I
D = 7.9 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91040_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
3000
2400
1800
1200
0
600
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91040_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
010
50
40
30
20
V
DS = 50 V
V
DS = 125 V
For test circuit
see figure 13
V
DS = 200 V
91040_06
I
D = 7.9 A
60
70


유사한 부품 번호 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
logo
Vishay Siliconix
IRF644S VISHAY-IRF644S Datasheet
186Kb / 8P
Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRF644SPBF IRF-IRF644SPBF Datasheet
3Mb / 8P
HEXFET Power MOSFET
More results

유사한 설명 - IRF644STRLPBFA

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com