전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF644STRRPBFA 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 IRF644STRRPBFA
상세설명  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644STRRPBFA 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button IRF644STRRPBFA Datasheet HTML 2Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 3Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 4Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 5Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 6Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 7Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 8Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 9Page - Vishay Siliconix IRF644STRRPBFA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 91364
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-263AB (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the
outmost extremes of the plastic body at datum A.
4. Thermal PAD contour optional within dimension E, L1, D1 and E1.
5. Dimension b1 and c1 apply to base metal only.
6. Datum A and B to be determined at datum plane H.
7. Outline conforms to JEDEC outline to TO-263AB.
5
4
1
3
L1
L2
D
B
B
E
H
B
A
Detail A
A
A
c
c2
A
2 x e
2 x b2
2 x b
0.010
A
B
MM
± 0.004
B
M
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
Scale: none
Lead tip
4
34
(Datum A)
2
C
C
B
B
5
5
View A - A
E1
D1
E
4
4
B
H
Seating plane
Gauge
plane
0° to 8°
Detail “A”
Rotated 90° CW
scale 8:1
L3
A1
L4
L
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
-
0.270
-
A1
0.00
0.25
0.000
0.010
E
9.65
10.67
0.380
0.420
b
0.51
0.99
0.020
0.039
E1
6.22
-
0.245
-
b1
0.51
0.89
0.020
0.035
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
c1
0.38
0.58
0.015
0.023
L2
-
1.78
-
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.38
9.65
0.330
0.380
L4
4.78
5.28
0.188
0.208
ECN: S-82110-Rev. A, 15-Sep-08
DWG: 5970


유사한 부품 번호 - IRF644STRRPBFA

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
logo
Vishay Siliconix
IRF644S VISHAY-IRF644S Datasheet
186Kb / 8P
Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRF644SPBF IRF-IRF644SPBF Datasheet
3Mb / 8P
HEXFET Power MOSFET
More results

유사한 설명 - IRF644STRRPBFA

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com