전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58EE84C3 데이터시트(PDF) 129 Page - STMicroelectronics

부품명 SPC58EE84C3
상세설명  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 데이터시트(HTML) 129 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 125Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 126Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 127Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 128Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 129Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 130Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 131Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 132Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
DS11646 Rev 4
129/154
SPC58EEx, SPC58NEx
Package information
136
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
The following table lists the case numbers for SPC58xEx.
Table 76. Package case numbers
Package Type
Device Type
Package reference
eLQFP176
Production
8153717
FPBGA292
Production
8537045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More