전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NH92C3 데이터시트(PDF) 123 Page - STMicroelectronics

부품명 SPC58NH92C3
상세설명  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C3 데이터시트(HTML) 123 Page - STMicroelectronics

Back Button SPC58NH92C3 Datasheet HTML 119Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 120Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 121Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 122Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 123Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 124Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 125Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 126Page - STMicroelectronics SPC58NH92C3 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 147 page
background image
DS12304 Rev 5
123/147
SPC58EHx, SPC58NHx
Package information
126
located on true position as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above. The axis of each ball must lie simultaneously
in both tolerance zones.
6.
The terminal A1 corner must be identified on the top surface by using a corner chamfer,
ink or metalized markings, or other feature of package body or integral heats lug.
A distinguishing feature is allowable on the bottom surface of the package to identify
the terminal A1 corner. Exact shape of each corner is optional.
5.4
FPBGA386 package information
Refer to Section 5.4.1: Package mechanical drawings and data information for full
description of below figures and table notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More