전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NH90C5 데이터시트(PDF) 137 Page - STMicroelectronics

부품명 SPC58NH90C5
상세설명  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 데이터시트(HTML) 137 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 133Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 134Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 135Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 136Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 137Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 139Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 140Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 147 page
background image
DS12304 Rev 5
137/147
SPC58EHx, SPC58NHx
Ordering information
137
Table 77. RAM Options dual core (KByte)
SPC58EH92
(10M)
SPC58EH90
(8M)
SPC58EH84
(6M)
Type
Start address
End address
Size
(Kb)
1216(1)
960(1)
896(1)
256
256
256
PRAMC_0
0x40028000
0x40067FFF
256
256
256
256
PRAMC_1
0x40068000
0x400A7FFF
256
8
8
8
PRAMC_2 (STBY)
0x400A8000
0x400A9FFF
8
120
120
120
PRAMC_2 (STBY)
0x400AA000
0x400C7FFF
120
128
128
128
PRAMC_2 (STBY)
0x400C8000
0x400E7FFF
128
64
64
—
PRAMC_3
0x400E8000
0x400F7FFF
64
256
—
—
PRAMC_3
0x400F8000
0x40137FFF
256
0.04
0.04
0.04
HSM emulated
registers(2)
0x40137FC0
0x40137FE3
0.04
64
64
64
D-MEM CPU_0
0x50800000
0x5080FFFF
64
—
—
—
D-MEM CPU_1
0x51800000
0x5180FFFF
64
64
64
64
D-MEM CPU_2
0x52800000
0x5280FFFF
64
32
32
32
I-MEM CPU_0
0x50000000
0x50007FFF
32
—
—
—
I-MEM CPU_1
0x51000000
0x51007FFF
32
32
32
32
I-MEM CPU_2
0x52000000
0x52007FFF
32
1. Total RAM size is the sum of TCM and SRAM.
2. Overlayed at the end of PRAMC_3 (if HSM not used, all 256Kbyte of PRAMC_3 can be used in 10M configuration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More