전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NH92C5 데이터시트(PDF) 135 Page - STMicroelectronics

부품명 SPC58NH92C5
상세설명  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C5 데이터시트(HTML) 135 Page - STMicroelectronics

Back Button SPC58NH92C5 Datasheet HTML 131Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 132Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 133Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 134Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 135Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 136Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 137Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 138Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 147 page
background image
DS12304 Rev 5
135/147
SPC58EHx, SPC58NHx
Ordering information
137
64
64
64
0
1
0x00FF0000
0x00FFFFFF
128
128
128
0
1
0x01000000
0x0101FFFF
128
128
128
0
1
0x01020000
0x0103FFFF
256
256
256
0
1
0x01040000
0x0107FFFF
256
256
256
0
1
0x01080000
0x010BFFFF
256
256
256
0
1
0x010C0000
0x010FFFFF
256
256
256
0
1
0x01100000
0x0113FFFF
256
256
256
0
1
0x01140000
0x0117FFFF
256
256
256
0
1
0x01180000
0x011BFFFF
256
256
256
0
4
0x011C0000
0x011FFFFF
256
256
256
0
4
0x01200000
0x0123FFFF
256
256
256
0
4
0x01240000
0x0127FFFF
256
256
256
0
4
0x01280000
0x012BFFFF
256
256
256
0
4
0x012C0000
0x012FFFFF
256
256
256
0
4
0x01300000
0x0133FFFF
256
256
256
0
4
0x01340000
0x0137FFFF
256
256
256
0
4
0x01380000
0x013BFFFF
256
256
256
1
5
0x013C0000
0x013FFFFF
256
256
256
1
5
0x01400000
0x0143FFFF
256
256
256
1
5
0x01440000
0x0147FFFF
256
256
256
1
5
0x01480000
0x014BFFFF
256
256
256
1
5
0x014C0000
0x014FFFFF
256
256
256
1
5
0x01500000
0x0153FFFF
256
256
256
1
5
0x01540000
0x0157FFFF
256
256
256
1
5
0x01580000
0x015BFFFF
256
256
—
0
6
0x015C0000
0x015FFFFF
256
256
—
0
6
0x01600000
0x0163FFFF
256
256
—
0
6
0x01640000
0x0167FFFF
256
256
—
0
6
0x01680000
0x016BFFFF
256
256
—
0
6
0x016C0000
0x016FFFFF
256
256
—
0
6
0x01700000
0x0173FFFF
256
256
—
0
6
0x01740000
0x0177FFFF
256
256
—
0
6
0x01780000
0x017BFFFF
Table 75. Code Flash Options contiguous (KByte) (continued)
SPC58xH92
(10M)
SPC58xH90
(8M)
SPC58xH84
(6M)
Partition
Start address
End address
RWR
RWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More