전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4697BCPZ 데이터시트(PDF) 106 Page - Analog Devices

부품명 AD4697BCPZ
상세설명  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ 데이터시트(HTML) 106 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices AD4697BCPZ Datasheet HTML 103Page - Analog Devices AD4697BCPZ Datasheet HTML 104Page - Analog Devices AD4697BCPZ Datasheet HTML 105Page - Analog Devices AD4697BCPZ Datasheet HTML 106Page - Analog Devices AD4697BCPZ Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 106 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 106 of 107
INn Offset Correction Register
Address: 0x00A0 to Address 0x00AE (Increments of 0x0002), Reset: 0x0000, Name: OFFSET_INn
Table 58. Bit Descriptions for OFFSET_INn
Bits
Bit Name
Description
Reset
Access
[15:0]
OFFSET
Offset Correction Value for INn. This register sets the offset correction applied to results from the INn channel. See the
Offset and Gain Correction section for a detailed description of offset correction.
0x0
R/W
INn Gain Correction Register
Address: 0x00C0 to Address 0x00CE (Increments of 0x0002), Reset: 0x8000, Name: GAIN_INn
Table 59. Bit Descriptions for GAIN_INn
Bits
Bit Name
Description
Reset
Access
[15:0]
GAIN
Gain Correction Value for INn. This register sets the gain correction applied to results from the INn channel. See the
Offset and Gain Correction section for a detailed description of gain correction.
0x8000
R/W
Advanced Sequencer Slot Register
Address: 0x0100 to Address 0x017F (Increments of 0x0001), Reset: 0x00, Name: AS_SLOTn
Table 60. Bit Descriptions for AS_SLOTn
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
SLOT_INX
Advanced Sequencer Slot Channel Assignment. This field determines which of the eight analog inputs (INx) is assigned to
slot n (see the Advanced Sequencer section).
0x0
R/W
0x0: IN0.
0x1: IN1.
0x2: IN2.
0x3: IN3.
0x4: IN4.
0x5: IN5.
0x6: IN6.
0x7: IN7.
0x8 to 0xF: Invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More