전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0915446 데이터시트(PDF) 3 Page - PHOENIX CONTACT

부품명 0915446
상세설명  Fuse modular terminal block - TMC 3 M1 122 0,1A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915446 데이터시트(HTML) 3 Page - PHOENIX CONTACT

  0915446 Datasheet HTML 1Page - PHOENIX CONTACT 0915446 Datasheet HTML 2Page - PHOENIX CONTACT 0915446 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/us/products/0915446
2/3/14   Page 3 / 3
Fuse modular terminal block - TMC 3 M1 122 0,1A - 0915446
Classifications
eCl@ss
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 6.0
27141116
eCl@ss 7.0
27141116
eCl@ss 8.0
27141116
ETIM
ETIM 3.0
EC000899
ETIM 4.0
EC000899
ETIM 5.0
EC000899
UNSPSC
UNSPSC 6.01
30211812
UNSPSC 7.0901
39121411
UNSPSC 11
39121411
UNSPSC 12.01
39121411
UNSPSC 13.2
39121411
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com


유사한 부품 번호 - 0915446

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
More results

유사한 설명 - 0915446

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0914724 PHOENIX-0914724 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 0,1A
2/3/14
0914725 PHOENIX-0914725 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 32,0A
2/3/14
0914726 PHOENIX-0914726 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 25,0A
2/3/14
0914729 PHOENIX-0914729 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 20,0A
2/3/14
0915035 PHOENIX-0915035 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 2 M1 120 32,0A
2/3/14
0915470 PHOENIX-0915470 Datasheet
58Kb / 4P
Fuse modular terminal block - TMC 1 M1 100 20,0A
05.10.2012
0915373 PHOENIX-0915373 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A
11.06.2012
0915399 PHOENIX-0915399 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 5,0A
11.06.2012
0915438 PHOENIX-0915438 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A
11.06.2012
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com