전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZ8GG-0505Z 데이터시트(PDF) 2 Page - PEAK electronics GmbH

부품명 PZ8GG-0505Z
상세설명  PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PEAK [PEAK electronics GmbH]
홈페이지  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PZ8GG-0505Z 데이터시트(HTML) 2 Page - PEAK electronics GmbH

  PZ8GG-0505Z Datasheet HTML 1Page - PEAK electronics GmbH PZ8GG-0505Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MZ SERIES
PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
1.50 W
-20
0
40
80
100
71
Output
Safe Operating Area
Pin
Connection
#
Dual
1
+ V Input
2
- V Input
3
NC
9
- V Output
10
Common
11
Common
12
+ V Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


유사한 부품 번호 - PZ8GG-0505Z

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
More results

유사한 설명 - PZ8GG-0505Z

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PZ8GG ETC1-PZ8GG Datasheet
187Kb / 2P
0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
PEAK electronics GmbH
P10TG-1205Z21 PEAK-P10TG-1205Z21 Datasheet
207Kb / 2P
1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
PZ8GG-0505E PEAK-PZ8GG-0505E Datasheet
178Kb / 2P
PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com