전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DTD01999 데이터시트(PDF) 1 Page - DAICO Industries, Inc.

부품명 DTD01999
상세설명  Threshold Detector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAICO [DAICO Industries, Inc.]
홈페이지  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DTD01999 데이터시트(HTML) 1 Page - DAICO Industries, Inc.

  DTD01999 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DTD01999
FEATURES
• 2-1000 MHz
• -25 to -10 dBm Dynamic Range
• Adjustable Threshold Level
• 0.8 dB Hysteresis
• 1 mA Sink /Source Current
• Stable Over Temperature
• 12 Pin TO-8 Package
Threshold Detector
TD
D AICO Industr ies
271
310.507.3242 • FAX 310.507.5701 • www.daico.com


유사한 부품 번호 - DTD01999

제조업체부품명데이터시트상세설명
logo
DAICO Industries, Inc.
DTD01904 DAICO-DTD01904 Datasheet
138Kb / 1P
Bit Detector
DTD01960 DAICO-DTD01960 Datasheet
113Kb / 1P
Threshold Detector
More results

유사한 설명 - DTD01999

제조업체부품명데이터시트상세설명
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
THRESHOLD DETECTOR
TMJ9903 APITECH-TMJ9903 Datasheet
209Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com