전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GAQW1V240 데이터시트(PDF) 5 Page - Galaxy Power, Inc.

부품명 GAQW1V240
상세설명  48V Input, 1.2VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GALAXY [Galaxy Power, Inc.]
홈페이지  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW1V240 데이터시트(HTML) 5 Page - Galaxy Power, Inc.

  GAQW1V240 Datasheet HTML 1Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 2Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 3Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 4Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 5Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 6Page - Galaxy Power, Inc. GAQW1V240 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Part No. 02-GAQ-07 Rev. 2.0 – 041405
WWW.GALAXYPWR.COM
GAQW1V240 – 5
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
GAQW1V24o Operation
Efficiency
88
86
84
82
80
78
76
74
72
70
020
40
Output Current (A)
36V Vin
48V Vin
75V Vin
30
10
15
35
25
5
Power Dissipation
12
10
8
6
4
2
0
020
30
35
40
Output Current (A)
36V Vin
48V Vin
75V Vin
10
515
25
Start Up
1) Vout 1V/div 4mS/div
2) Iout 10A/div
3) Enable 5V/div
CH1
CH2
CH3
Voltage Ripple
1) Vout 20mV/div 2µS/div
10µF ext cap 20MHz BW
Transient Response
1) Vout 200mV/div 200µS/div
2) Iout 10A/div
CH2
CH1
Line/Load Regulation
1.23
1.21
1.19
1.17
010
20
Output Current (A)
36V Vin
48V Vin
75V Vin
15
530
25
35
40
Setpoint Accuracy 0.1417%
Line Regulation 0.0167%
Load Regulation 0.0167%
Line & Load Regulation 0.0292%


유사한 부품 번호 - GAQW1V240

제조업체부품명데이터시트상세설명
logo
Galaxy Power, Inc.
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
GAQW1V540EET GALAXY-GAQW1V540EET Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
GAQW1V540EMT GALAXY-GAQW1V540EMT Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
GAQW1V540EST GALAXY-GAQW1V540EST Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
GAQW1V540MET GALAXY-GAQW1V540MET Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
More results

유사한 설명 - GAQW1V240

제조업체부품명데이터시트상세설명
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
48V Input, 2.5VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
48V Input, 1.2VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
48V Input, 1.5VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
48V Input, 1.8VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
48V Input, 2.0VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
48V Input, 2.5VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
48V Input, 1.5VDC, 40A Output
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com