전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFS40053R3 데이터시트(PDF) 6 Page - COSEL CO., LTD.

부품명 MGFS40053R3
상세설명  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSEL [COSEL CO., LTD.]
홈페이지  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS40053R3 데이터시트(HTML) 6 Page - COSEL CO., LTD.

Back Button MGFS40053R3 Datasheet HTML 2Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 3Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 4Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 5Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 6Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 7Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 8Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 9Page - COSEL CO., LTD. MGFS40053R3 Datasheet HTML 10Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MG-57
MGS30
DC-DC Converters PCB Mount Type
MG
S
30
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
G: Capacitor between
Input and Output is removed.
R : with Remote ON/OFF
(Positive logic control)
R
1
2
3
4
5
6
MODEL
MGS30123R3 MGS301205 MGS301212 MGS301215 MGS30243R3 MGS302405 MGS302412 MGS302415
MAX OUTPUT WATTAGE[W]
26.4
30
30
30
26.4
30
30
30
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
8
6
2.5
2
SPECIFICATIONS
MODEL
MGS30123R3 MGS301205 MGS301212 MGS301215 MGS30243R3 MGS302405 MGS302412 MGS302415
INPUT
VOLTAGE[V]
DC9 - 18
DC18 - 36
CURRENT[A]
*2
2.45typ
2.75typ
2.78typ
2.78typ
1.21typ
1.36typ
1.36typ
1.36typ
EFFICIENCY[%]
*2
90typ
91typ
90typ
90typ
91typ
92typ
92typ
92typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
8
6
2.5
2
LINE REGULATION[mV]
13.2max
20max
48max
60max
13.2max
20max
48max
60max
LOAD REGULATION[mV]
13.2max
20max
48max
60max
13.2max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
100max
100max
120max
120max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
150max
150max
150max
150max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243 14.839 - 15.321 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243 14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Works over 120 to 160% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
MODEL
MGS30483R3 MGS304805 MGS304812 MGS304815
MAX OUTPUT WATTAGE[W]
26.4
30
30
30
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
SPECIFICATIONS
MODEL
MGS30483R3 MGS304805 MGS304812 MGS304815
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*2
0.61typ
0.68typ
0.68typ
0.68typ
EFFICIENCY[%]
*2
91typ
92typ
92typ
92typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
LINE REGULATION[mV]
13.2max
20max
48max
60max
LOAD REGULATION[mV]
13.2max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243 14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Works over 120 to 160% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
January 31, 2022


유사한 부품 번호 - MGFS40053R3

제조업체부품명데이터시트상세설명
logo
COSEL CO., LTD.
MGFS40053R3 COSEL-MGFS40053R3 Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
More results

유사한 설명 - MGFS40053R3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
DC-DC Converters PCB Mount type
June 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com