전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8231A 데이터시트(PDF) 5 Page - Richtek Technology Corporation

부품명 RT8231A
상세설명  Complete DDR Memory Power Supply Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8231A 데이터시트(HTML) 5 Page - Richtek Technology Corporation

  RT8231A Datasheet HTML 1Page - Richtek Technology Corporation RT8231A Datasheet HTML 2Page - Richtek Technology Corporation RT8231A Datasheet HTML 3Page - Richtek Technology Corporation RT8231A Datasheet HTML 4Page - Richtek Technology Corporation RT8231A Datasheet HTML 5Page - Richtek Technology Corporation RT8231A Datasheet HTML 6Page - Richtek Technology Corporation RT8231A Datasheet HTML 7Page - Richtek Technology Corporation RT8231A Datasheet HTML 8Page - Richtek Technology Corporation RT8231A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
RT8231A/B
5
DS8231A/B-11 April 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT8231A/B is a constant on-time synchronous step-
down controller. In normal operation, the high-side
N-MOSFET is turned on when the output voltage is lower
than VREF, and is turned off after the internal one-shot
timer expires. While the high-side N-MOSFET is turned
off, the low-side N-MOSFET is turned on to conduct the
inductor current until next cycle begins.
Soft-Start (SS)
For internal soft-start function, an internal current source
charges an internal capacitor to build the soft-start ramp
voltage. The output voltage will track the internal ramp
voltage during soft-start interval.
PGOOD
The power good output is an open-drain architecture. When
the soft-start is finished, the PGOOD open-drain output
will be high impedance.
Current Limit
The current limit circuit employs a unique “valley” current
sensing algorithm. If the magnitude of the current sense
signal at PHASE is above the current limit threshold, the
PWM is not allowed to initiate a new cycle. The current
limit threshold can be set with an external voltage setting
resistor on the CS pin.
Over-Voltage Protection (OVP) & Under-Voltage
Protection (UVP)
The output voltage is continuously monitored for over-
voltage and under-voltage protection. When the output
voltage exceeds its set voltage threshold( 115% of VOUT),
UGATE goes low and LGATE is forced high. When the
feedback voltage is less than 0.45V, under-voltage
protection is triggered and then both UGATE and LGATE
gate drivers are forced low. The controller is latched until
VDD is re-supplied and exceeds the POR rising threshold
voltage or S5 is reset.
VTT Linear Regulator and VTTREF
This VTT linear regulator employs ultimate fast response
feedback loop so that small ceramic capacitors are enough
for keeping track of VTTREF within 40mV at all conditions,
including fast load transient. The VTTREF block consists
of on-chip 1/2 divider, LPF and buffer. This regulator also
has sink and source capability up to 10mA. Bypass
VTTREF to GND with a 33nF ceramic capacitor for stable
operation.


유사한 부품 번호 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8237L RICHTEK-RT8237L Datasheet
809Kb / 23P
   High Efficiency Single Synchronous Buck PWM Controller
November 2023
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
RT8239 RICHTEK-RT8239 Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239AGQW RICHTEK-RT8239AGQW Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
More results

유사한 설명 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
logo
Semtech Corporation
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
   Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
   Complete DDR2/3 memory power supply
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com