전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8231A 데이터시트(PDF) 9 Page - Richtek Technology Corporation

부품명 RT8231A
상세설명  Complete DDR Memory Power Supply Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8231A 데이터시트(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8231A Datasheet HTML 5Page - Richtek Technology Corporation RT8231A Datasheet HTML 6Page - Richtek Technology Corporation RT8231A Datasheet HTML 7Page - Richtek Technology Corporation RT8231A Datasheet HTML 8Page - Richtek Technology Corporation RT8231A Datasheet HTML 9Page - Richtek Technology Corporation RT8231A Datasheet HTML 10Page - Richtek Technology Corporation RT8231A Datasheet HTML 11Page - Richtek Technology Corporation RT8231A Datasheet HTML 12Page - Richtek Technology Corporation RT8231A Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RT8231A/B
9
DS8231A/B-11 April 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
Not production tested. Test condition refer to electrical characteristics using application circuit.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDDQ/2, VTTREF Output
Voltage Tolerance
VVTTREFTOL
VLDOIN = VVDDQ = 1.5V,
|IVTTREF| < 10mA
15
--
15
mV
VLDOIN = VVDDQ = 1.8V,
|IVTTREF| < 10mA
18
--
18
VTTREF Source Current Limit
IVTTREFOCL VVTTREF = 0V
10
40
80
mA


유사한 부품 번호 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8237L RICHTEK-RT8237L Datasheet
809Kb / 23P
   High Efficiency Single Synchronous Buck PWM Controller
November 2023
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
RT8239 RICHTEK-RT8239 Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239AGQW RICHTEK-RT8239AGQW Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
More results

유사한 설명 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
logo
Semtech Corporation
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
   Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
   Complete DDR2/3 memory power supply
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com