전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8231A 데이터시트(PDF) 2 Page - Richtek Technology Corporation

부품명 RT8231A
상세설명  Complete DDR Memory Power Supply Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8231A 데이터시트(HTML) 2 Page - Richtek Technology Corporation

  RT8231A Datasheet HTML 1Page - Richtek Technology Corporation RT8231A Datasheet HTML 2Page - Richtek Technology Corporation RT8231A Datasheet HTML 3Page - Richtek Technology Corporation RT8231A Datasheet HTML 4Page - Richtek Technology Corporation RT8231A Datasheet HTML 5Page - Richtek Technology Corporation RT8231A Datasheet HTML 6Page - Richtek Technology Corporation RT8231A Datasheet HTML 7Page - Richtek Technology Corporation RT8231A Datasheet HTML 8Page - Richtek Technology Corporation RT8231A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RT8231A/B
2
DS8231A/B-11 April 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
PWM Controller

Adjustable Current Limit with Low-Side RDS(ON)
Sensing

Low Quiescent Supply Current

Quick Load-Step Response within 100ns

1% VVDDQ Accuracy Over Line and Load

Adjustable 0.675V to 3.3V Output Range for 1.8V
(DDR2), 1.5V (DDR3), 1.35V (DDR3L), 1.2V (LPDDR3),
1.2V (DDR4) and 1.1V (LPDDR4)

4.5V to 26V Battery Input Range

Resistor Adjustable Frequency

Over-/Under-Voltage Protection

Internal Voltage Ramp Soft-Start

Drives Large Synchronous Rectifier MOSFETs

Power Good Indicator
1.5A LDO (VTT), Buffered Reference (VTTREF)

Capable to Sink and Source Up to 1.5A

LDO Input Available to Optimize Power Losses

Requires Only 10
μμμμμF Ceramic Output Capacitor

Integrated Divider Tracks 1/2 VDDQ for both VTT
and VTTREF

Accuracy
±±±±±20mV for both VTTREF and VTT

Supports High-Z in S3 and Soft-Off in S4/S5
RoHS Compliant and Halogen Free
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8231A/B
Package Type
QW : WQFN-20L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
VDDQ and VTT Discharge Control
A : Tracing Mode
B : Non-Tracking Mode
Marking Information
24= : Product Code
YMDNN : Date Code
24=YM
DNN
RT8231AGQW
3T= : Product Code
YMDNN : Date Code
RT8231BGQW
3T=YM
DNN


유사한 부품 번호 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8237L RICHTEK-RT8237L Datasheet
809Kb / 23P
   High Efficiency Single Synchronous Buck PWM Controller
November 2023
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
RT8239 RICHTEK-RT8239 Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239AGQW RICHTEK-RT8239AGQW Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
More results

유사한 설명 - RT8231A

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
logo
Semtech Corporation
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
   Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
   Complete DDR2/3 memory power supply
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com