전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-07244 데이터시트(PDF) 5 Page - Murata Manufacturing Co., Ltd

부품명 D-07244
상세설명  Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

D-07244 데이터시트(HTML) 5 Page - Murata Manufacturing Co., Ltd

  D-07244 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Reference only
ETKY04J
4 / 22
1. Application
This specification is applied to Safety Standard Certified Lead Type Disc Ceramic Capacitors Type KY used
for General Electric equipment.
Type KY is Safety Standard Certified capacitors of Class X1,Y2.
Do not use these products in any automotive power train or safety equipment including battery chargers
for electric vehicles and plug-in hybrids.
Approval standard and certified number
Standard number
*Certified number
AC Rated volt.
V(r.m.s.)
UL
UL60384-14
E37921
X1:250
Y2:250
CSA
CSA E60384-14
1283280
VDE
IEC60384-14, EN60384-14
40006273
BSI
EN62368-1,
IEC60384-14,
EN60384-14
KM37901
SEMKO
IEC60384-14,
EN60384-14
1905546
DEMKO
D-07244
FIMKO
FI 40130
NEMKO
P19223459
ESTI
21.0061
NSW
IEC60384-14, AS3250
6824
CQC
GB/T6346.14
CQC06001017447
*Above Certified number may be changed on account of the revision of standards and
the renewal of certification.
2. Rating
2-1. Operating temperature range
-40
+125
°C
2-2. Part number configuration
ex.) DE2
E3
KY
472
M
A2
B
M01F
.
Product Temperature
Type
Capacitance
Capacitance
Lead
Packing
Individual
code
characteristic
name
tolerance
code
style code specification
• Product code
DE2 denotes class X1,Y2.
•Temperature characteristic
Code
Temperature characteristic
1X
SL
B3
B
E3
E
F3
F
Please confirm detailed specification on
[ Specification and test methods ].
• Type name
This denotes safety certified type name Type KY.


유사한 부품 번호 - D-07244

제조업체부품명데이터시트상세설명
logo
NEC
D-07C1 NEC-D-07C1 Datasheet
2Mb / 45P
   DC Line Fileters
More results

유사한 설명 - D-07244

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DE2E3KY472MA3BM02 MURATA1-DE2E3KY472MA3BM02 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE1E3KX392MN5AA01 MURATA1-DE1E3KX392MN5AA01 Datasheet
286Kb / 18P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
GA342A MURATA1-GA342A Datasheet
1Mb / 28P
   Safety Standard Certified Chip Multilayer Ceramic Capacitors for General Purpose
Oct.18,2022
GA343QR7GD222KW01L MURATA1-GA343QR7GD222KW01L Datasheet
638Kb / 24P
   Safety Standard Certified Chip Multilayer Ceramic Capacitors for General Purpose
Dec.9,2019
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com