전자부품 데이터시트 검색엔진 |
|
I-P006A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
I-P006A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 32 page 1 Pin Cylinder: Double Acting, Single Rod ø4, ø6, ø10, ø16 Series CJP2 CJP2 10 Standard Built-in magnet F 15 CDJP2 F10 15 D D M9B With auto switch (Built-in magnet) Double acting S B F L D T Basic Flange Foot Clevis Trunnion Mounting Standard Built-in magnet Symbol Mounting 4 6 10 16 4 mm 6 mm 10 mm 16 mm Bore size ø4 ø6 ø10, ø16 5, 10, 15, (20) Note) 5, 10, 15, 20, 25 5, 10, 15, 20, 25, 30, 35, 40 Cylinder standard stroke (mm) Note) A stroke of 20 is available with a standard product only. - B With thread Without thread Rod end thread - Without auto switch (Built-in magnet) Auto switch ∗ For the applicable auto switch model, refer to the below table. ∗ Auto switches are shipped together, (but not assembled). ∗ Bore size of 4 mm is available with basic mounting only. ∗ Mounting bracket is shipped together (but not assembled). - S 2 pcs. 1 pc. Number of auto switches How to Order Made to Order (Refer to page 2.) ∗ Lead wire length symbols: 0.5 m ······ - (Example) M9N 1 m ······ M M9NWM 3 m ······ L M9NL 5 m ······ Z M9NZ ∗ Auto switches marked with “ ” are made to order specification. ∗ For details about auto switches with pre-wired connector, refer to SMC's “Best Pneumatics” catalogue. ∗ Auto switches are shipped together, (but not assembled). ∗∗ The D-A9(V) switch is not attachable to ø4. Applicable Auto Switches / For detailed auto switch specifications, refer to page 17 through to 21. Special function Wiring (Output) Load voltage DC AC Auto switch model Electrical entry direction Perpendicular In-line Lead wire length (m)∗ 0.5 (-) 3 (L) 5 (Z) Applicable load Pre-wired connector IC circuit IC circuit IC circuit IC circuit Relay, PLC Relay, PLC 1 (M) A96∗∗ A93∗∗ A90∗∗ M9N M9P M9B M9NW M9PW M9BW A96V∗∗ A93V∗∗ A90V∗∗ M9NV M9PV M9BV M9NWV M9PWV M9BWV 5 V 12 V 5 V, 12 V 5 V, 12 V 12 V 5 V, 12 V 12 V 24 V 100 V 100 V or less 3-wire (NPN equiv.) 2-wire 3-wire (NPN) 3-wire (PNP) 2-wire 3-wire (NPN) 3-wire (PNP) 2-wire Yes Yes Grommet — — — Electrical entry Diagnostic indication (2-colour) Grommet 24 V |
유사한 설명 - I-P006A |