전자부품 데이터시트 검색엔진 |
|
I-P006A 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
I-P006A 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 32 page 3 4 0.75 x 10-2 6 1.2 x 10-2 10 2.5 x 10-2 16 5.0 x 10-2 Bore size (mm) 0.05 to 0.5 Piston speed (m/s) Allowable kinetic energy (J) Strictly observe the limiting range of lateral load on the piston rod. (Refer to the below graph.) If this product is used beyond the limits, it may shorten the machine life or cause damage. When driving an inertial load, operate the cylinder with a kinetic energy within the allowable value. The range in the chart below that is shown by bold solid lines indicates the relation between load weights and maximum dri- ving speeds. Caution Allowable lateral load 1 0.8 0.6 0.4 0.2 0 Stroke (mm) 0 5 10 15 20 25 30 35 40 45 ø16 ø10 ø6 ø4 Allowable Kinetic Energy Allowable Lateral Load 10.00 1.00 0.10 Maximum speed (mm/s) 100 ø16 ø10 ø6 ø4 Pin Cylinder: Double Acting, Single Rod Series CJP2 |
유사한 설명 - I-P006A |