| 전자부품 데이터시트 검색엔진 |
|
STA1275 데이터시트(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1275 데이터시트(HTML) 106 Page - STMicroelectronics |
|
106 / 109 page ![]() Ordering information STA1295, STA1275 106/109 DS12586 Rev 5 6 Ordering information Part numbers / sales codes are composed as follows: • STA • Root • Freq • Sec • Grade • Pack Table 75. Order codes description [Root] Root code [Freq] Cortex® A7 frequency [Sec] Security [Grade] Qualification grade [Pack] Packing 1275 (single core Cortex® A7, 16bit DDR3) E = Eco (650 MHz) L = Locked(1) 1. JTAG locked, secure boot enabled. A = Automotive [empty] = Tray 1295 (dual core Cortex® A7, 32bit DDR3) O = Open(2) 2. JTAG open, secure boot disabled. TR = Tape&Reel U = Unsecure(3) 3. JTAG locked, secure boot disabled. Note: Contact your ST sales office to ask for the availability of a particular commercial product. Features (for instance, single/dual core, security open/locked) which are not included in the commercial product, cannot be used. ST cannot be called to take any liability for features used outside the commercial product. Part number example: STA1295EOA 1295 E = Eco (650 MHz) O = Open A = Automotive [empty] = Tray |