전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 LM324
상세설명  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button LM324_V01 Datasheet HTML 7Page - ON Semiconductor LM324_V01 Datasheet HTML 8Page - ON Semiconductor LM324_V01 Datasheet HTML 9Page - ON Semiconductor LM324_V01 Datasheet HTML 10Page - ON Semiconductor LM324_V01 Datasheet HTML 11Page - ON Semiconductor LM324_V01 Datasheet HTML 12Page - ON Semiconductor LM324_V01 Datasheet HTML 13Page - ON Semiconductor LM324_V01 Datasheet HTML 14Page - ON Semiconductor LM324_V01 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
11
MARKING DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
SOIC−14
D SUFFIX
CASE 751A
*This marking diagram also applies to NCV2902.
TSSOP−14
DTB SUFFIX
CASE 948G
1
14
x24
ALYWG
G
1
14
1
14
1
14
*
324A
ALYWG
G
2902
ALYWG
G
2902
V
ALYWG
G
LM324ADG
AWLYWW
1
14
LMx24DG
AWLYWW
1
14
LM2902DG
AWLYWW
1
14
LM2902VDG
AWLYWW
1
14
(Note: Microdot may be in either location)
LMx24EG
AWLYWW
1
14
LM2902EG
AWLYWW
1
14


유사한 부품 번호 - LM324_V01

제조업체부품명데이터시트상세설명
logo
Rohm
LM324FV ROHM-LM324FV Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FV-E2 ROHM-LM324FV-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FVJ ROHM-LM324FVJ Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FVJ-E2 ROHM-LM324FVJ-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324KVQDGKR ROHM-LM324KVQDGKR Datasheet
797Kb / 18P
TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
More results

유사한 설명 - LM324_V01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com