전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LM324
상세설명  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 데이터시트(HTML) 3 Page - ON Semiconductor

  LM324_V01 Datasheet HTML 1Page - ON Semiconductor LM324_V01 Datasheet HTML 2Page - ON Semiconductor LM324_V01 Datasheet HTML 3Page - ON Semiconductor LM324_V01 Datasheet HTML 4Page - ON Semiconductor LM324_V01 Datasheet HTML 5Page - ON Semiconductor LM324_V01 Datasheet HTML 6Page - ON Semiconductor LM324_V01 Datasheet HTML 7Page - ON Semiconductor LM324_V01 Datasheet HTML 8Page - ON Semiconductor LM324_V01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324, LM324E
LM2902, LM2902E
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
mV
VCC = 5.0 V to 30 V
VICR = 0 V to
VCC −1.7 V,
VO = 1.4 V, RS = 0 W
TA = 25°C
2.0
5.0
2.0
3.0
2.0
7.0
2.0
7.0
2.0
7.0
TA = Thigh (Note 4)
7.0
5.0
9.0
10
13
TA = Tlow (Note 4)
7.0
5.0
9.0
10
10
Average Temperature
Coefficient of Input
Offset Voltage
DVIO/DT
7.0
7.0
30
7.0
7.0
7.0
mV/°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Offset Current
IIO
3.0
30
5.0
30
5.0
50
5.0
50
5.0
50
nA
TA = Thigh to Tlow
(Note 4)
100
75
150
200
200
Average Temperature
Coefficient of Input
Offset Current
DIIO/DT
10
10
300
10
10
10
pA/°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Bias Current
IIB
−90
−150
−45
−100
−90
−250
−90
−250
−90
−250
nA
TA = Thigh to Tlow
(Note 4)
−300
−200
−500
−500
−500
Input Common Mode
Voltage Range
(Note 5)
VICR
V
VCC = 30 V
TA = +25°C
0
28.3
0
28.3
0
28.3
0
28.3
0
28.3
TA = Thigh to Tlow
(Note 4)
0
28
0
28
0
28
0
28
0
28
Differential Input
Voltage Range
VIDR
VCC
VCC
VCC
VCC
VCC
V
Large Signal Open
Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW,
VCC = 15 V,
for Large VO Swing
50
100
25
100
25
100
25
100
25
100
TA = Thigh to Tlow
(Note 4)
25
15
15
15
15
Channel Separation
10 kHz ≤ f ≤ 20 kHz,
Input Referenced
CS
−120
−120
−120
−120
−120
dB
Common Mode
Rejection,
RS ≤ 10 kW
CMR
70
85
65
70
65
70
50
70
50
70
dB
Power Supply
Rejection
PSR
65
100
65
100
65
100
50
100
50
100
dB
4. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A/LM324E: Tlow = 0°C, Thigh = +70°C
LM2902/LM2902E: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
5. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
6. Guaranteed by design.


유사한 부품 번호 - LM324_V01

제조업체부품명데이터시트상세설명
logo
Rohm
LM324FV ROHM-LM324FV Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FV-E2 ROHM-LM324FV-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FVJ ROHM-LM324FVJ Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324FVJ-E2 ROHM-LM324FVJ-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM324KVQDGKR ROHM-LM324KVQDGKR Datasheet
797Kb / 18P
TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
More results

유사한 설명 - LM324_V01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com