전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BP104 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BP104
상세설명  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BP104 데이터시트(HTML) 1 Page - Vishay Siliconix

  BP104_V01 Datasheet HTML 1Page - Vishay Siliconix BP104_V01 Datasheet HTML 2Page - Vishay Siliconix BP104_V01 Datasheet HTML 3Page - Vishay Siliconix BP104_V01 Datasheet HTML 4Page - Vishay Siliconix BP104_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BP104, BP104S
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 24-Aug-11
1
Document Number: 81500
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
BP104 is a PIN photodiode with high speed and high radiant
sensitivity in miniature, flat, top view plastic package with
daylight blocking filter. Filter bandwidth is matched with
900 nm to 950 nm IR emitters.
BP104S is packed in tubes, specifications like BP104.
FEATURES
• Package type: leaded
• Package form: top view
• Dimensions (in mm): 5.4 x 4.3 x 3.2
• Radiant sensitive area (in mm2): 7.5
• High radiant sensitivity
• Daylight blocking filter matched with 940 nm
emitters
• Fast response times
• Angle of half sensitivity:
ϕ = ± 65°
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
APPLICATIONS
• High speed detector for infrared radiation
• Infrared remote control and free air data transmission
systems, e.g. in combination with TSALxxxx series IR
emitters
Note
• Test condition see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
948386_1
PRODUCT SUMMARY
COMPONENT
Ira (μA)
ϕ (deg)
λ0.5 (nm)
BP104
45
± 65
870 to 1050
BP104S
45
± 65
870 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
BP104
Bulk
MOQ: 3000 pcs, 3000 pcs/bulk
Top view
BP104S
Tube
MOQ: 1800 pcs, 45 pcs/tube
Top view
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb
≤ 25 °C
PV
215
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 3 s
Tsd
260
°C
Thermal resistance junction/ambient
Connected with Cu wire, 0.14 mm2
RthJA
350
K/W


유사한 부품 번호 - BP104_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BP104 VISHAY-BP104_V02 Datasheet
114Kb / 5P
Silicon PIN Photodiode
01-Jan-2023
More results

유사한 설명 - BP104_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
Rev. 3, 16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
Vishay Siliconix
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com