전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPM33 데이터시트(PDF) 119 Page - STMicroelectronics

부품명 STPM33
상세설명  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 데이터시트(HTML) 119 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 113Page - STMicroelectronics STPM33 Datasheet HTML 114Page - STMicroelectronics STPM33 Datasheet HTML 115Page - STMicroelectronics STPM33 Datasheet HTML 116Page - STMicroelectronics STPM33 Datasheet HTML 117Page - STMicroelectronics STPM33 Datasheet HTML 118Page - STMicroelectronics STPM33 Datasheet HTML 119Page - STMicroelectronics STPM33 Datasheet HTML 120Page - STMicroelectronics STPM33 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DS10272 Rev 8
119/121
STPM32, STPM33, STPM34
Package information
121
11.3
QFN24L (4x4x1) packing information
Figure 58. QFN24L (4x4x1) carrier tape outline
11.4
QFN32L (5x5x1) packing information
Figure 59. QFN32L (5x5x1) carrier tape outline
Figure 60. Feed direction of square QFN24L and QFN32L reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More