전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-240H064A 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-240H064A
상세설명  240 x 64 Graphic LCDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240H064A 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-240H064A_V01 Datasheet HTML 1Page - Vishay Siliconix LCD-240H064A_V01 Datasheet HTML 2Page - Vishay Siliconix LCD-240H064A_V01 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-240H064A
www.vishay.com
Vishay
Revision: 07-Nov-12
2
Document Number: 37369
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
FG
Frame ground
2VSS
Power supply (Ground)
3VDD
Power supply (+ 5 V)
4V0
Contrast adjustment
5WR
Data write
6RD
Data read
7CE
Chip enable
8C/D
Command/data read/write
9VEE
Negative voltage output
10
RESET
Reset signal
11
DB0
Data bus line
12
DB1
Data bus line
13
DB2
Data bus line
14
DB3
Data bus line
15
DB4
Data bus line
16
DB5
Data bus line
17
DB6
Data bus line
18
DB7
Data bus line
19
FS
Font selection: FS = “H”, 6 x 8 character font, FS = “L”, 8 x 8 character font
20
NC
No connection
DIMENSIONS in millimeters
0.53
0.49
Dot Size
H1
H2
14.3
7.8
16.0
11.0
CCFL
LED
10.1
5.1
EL/NO
1.6
H1 Max.
H2
4 x Ø 3.5 PTH
4 x Ø 7.0 PAD
2.0
176.0
7.0
1.5
188.5 ± 0.5
133.0 (VA)
23.5
180.0 ± 0.5
154.6
13.3
127.16 (AA)
26.42
3.5
120 ± 10
1
20
2
19
1
20
2
19
Pin Detail
4.13
2.54
20 x Ø 1.0 PTH
20 x Ø 1.8 PAD
WHR-4N


유사한 부품 번호 - LCD-240H064A_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
More results

유사한 설명 - LCD-240H064A_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E_V01 Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064C VISHAY-LCD-128H064C_V01 Datasheet
67Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064A VISHAY-LCD-128H064A_V01 Datasheet
71Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064K VISHAY-LCD-128H064K_V01 Datasheet
72Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-240H128A VISHAY-LCD-240H128A_V01 Datasheet
68Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-320H240A VISHAY-LCD-320H240A_V01 Datasheet
71Kb / 3P
   320 x 240 Graphic LCDS
01-Jan-2022
LCD-320H240BX VISHAY-LCD-320H240BX Datasheet
63Kb / 3P
   320 x 240 Graphic LCDS
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com