전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GLX-C 데이터시트(PDF) 5 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GLX-C
상세설명  I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GLX-C 데이터시트(HTML) 5 Page - ATGBICS by Approved Technology

  I-MGBIC-GLX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 8Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GLX-C_V1
Page 5 of 9
Product Datasheet
Pin Function Definitions
Pin No
Name
Function
Plug Seq
Notes
1
VeeT
Transmitter Ground
1
1
2
TX Fault
Transmitter Fault Indication
3
3
TX Disable
Transmitter Disable
3
2
4
MOD-DEF2
Module Definition
2
3
5
MOD-DEF1
Module Definition 1
3
3
6
MOD-DEF0
Module Definition 0
3
3
7
Rate Select
Not Connected
3
4
8
LOS
Loss of Signal
3
5
9
VeeR
Receiver Ground
1
1
10
VeeR
Receiver Ground
1
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
6
13
RD+
Received Data Out
3
6
14
VeeR
Receiver Ground
3
1
15
VccR
Receiver Power
2
1
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
6
19
TD-
Inv. Transmit In
3
6
20
VeeT
Transmitter Ground
1
Notes:
1. Circuit ground is internally isolated from chassis ground.
2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3. Should be pulled up with 4.7k - 10 kohms on host board to a voltage between 2.0V and
3.6V.MOD_DEF (0) pulls line low to indicate module is plugged in.
4. Rate select is not used
5. LOS is open collector output. Should be pulled up with 4.7k – 10 kohms on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
6. AC Coupled


유사한 부품 번호 - I-MGBIC-GLX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

유사한 설명 - I-MGBIC-GLX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC03-C ATGBICS-MGBIC-LC03-C Datasheet
322Kb / 9P
   MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC09-C ATGBICS-MGBIC-LC09-C Datasheet
322Kb / 9P
   MGBIC-LC09 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
BTI-MGBIC-GLX-LC-C ATGBICS-BTI-MGBIC-GLX-LC-C Datasheet
322Kb / 9P
   BTI-MGBIC-GLX-LC Telco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
   SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
   SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SMC1GSFP-LX-C ATGBICS-SMC1GSFP-LX-C Datasheet
322Kb / 9P
   SMC1GSFP-LX SMC Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com