전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GSX-C 데이터시트(PDF) 1 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GSX-C
상세설명  I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GSX-C 데이터시트(HTML) 1 Page - ATGBICS by Approved Technology

  I-MGBIC-GSX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ I-MGBIC-GSX-C_V1
Page 1 of 8
Product Datasheet
I-MGBIC-GSX-C
Enterasys® Compatible 1.25Gb/s 550m SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 850nm, VCSEL MMF 550m DDM 0~70C
FEATURES
• Up to 1.25Gb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 550m on 50/125μm MMF
• 850nm VCSEL laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Commercial operating temperature range 0°C to 70°C
• RoHS compliant and Lead Free
APPLICATIONS
• Metro/Access Networks
• 1.25 Gb/s 1000Base-SX Ethernet
• 1 × Fibre Channel
• Other Optical Links
DESCRIPTION
ATGBICS® Compatible
I-MGBIC-GSX-C Transceiver is a high-performance, cost-effective module which has
a duplex LC optics interface. Standard AC coupled CML for high-speed signal and LVTTL control and monitor
signals. The receiver section uses a PIN receiver and the transmitter uses a 850 nm VCSEL laser, up to 8dB
link budge ensure this module 1000Base Ethernet 550m application.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%


유사한 부품 번호 - I-MGBIC-GSX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

유사한 설명 - I-MGBIC-GSX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
MGBIC-LC01-C ATGBICS-MGBIC-LC01-C Datasheet
293Kb / 8P
   MGBIC-LC01 Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
BTI-MGBIC-GSX-LC-C ATGBICS-BTI-MGBIC-GSX-LC-C Datasheet
293Kb / 8P
   BTI-MGBIC-GSX-LC Telco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX+-C ATGBICS-MGBM-GSX+-C Datasheet
292Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX-C ATGBICS-MGBM-GSX-C Datasheet
293Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
   1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
   SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
   RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
   SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
   SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com