전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GSX-C 데이터시트(PDF) 2 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GSX-C
상세설명  I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GSX-C 데이터시트(HTML) 2 Page - ATGBICS by Approved Technology

  I-MGBIC-GSX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ I-MGBIC-GSX-C_V1
Page 2 of 8
Product Datasheet
Recommended Operating Environment:
Parameter
Symbol
Min.
Typical
Max.
Unit
Operating Temperature
0
+70
°C
Supply Voltage
VCC
3.135
3.465
V
Supply Current
Icc
300
mA
Inrush Current
Isurge
Icc+30
mA
Maximum Power
Pmax
1
W
Electrical Characteristics (TOP = -40 to 85°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Input differential impedance
Rin
90
100
110
Single ended data input swing
Vin PP
250
1200
mVp-p
Transmit Disable Voltage
VD
Vcc –
1.3
Vcc
V
2
Transmit Enable Voltage
VEN
Vee
Vee+
0.8
V
Transmit Disable Assert Time
Tdessert
10
us
Receiver Section:
Single ended data output
swing
Vout,p
p
250
800
mv
3
LOS Fault
Vlosfault
Vcc –
0.5
VCC_host
V
5
LOS Normal
Vlos norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1. AC coupled.
2. Or open circuit.
3. Into 100-ohm differential termination.
4. 20 – 80 %
5. LOS is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6. All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to
1.5MHz up to specified value applied through the power supply filtering network shown on page 23
of the Small Form-factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA), September
14, 2000.


유사한 부품 번호 - I-MGBIC-GSX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

유사한 설명 - I-MGBIC-GSX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
MGBIC-LC01-C ATGBICS-MGBIC-LC01-C Datasheet
293Kb / 8P
   MGBIC-LC01 Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
BTI-MGBIC-GSX-LC-C ATGBICS-BTI-MGBIC-GSX-LC-C Datasheet
293Kb / 8P
   BTI-MGBIC-GSX-LC Telco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX+-C ATGBICS-MGBM-GSX+-C Datasheet
292Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX-C ATGBICS-MGBM-GSX-C Datasheet
293Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
   1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
   SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
   RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
   SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
   SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com