전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GTX-C 데이터시트(PDF) 3 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GTX-C
상세설명  I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GTX-C 데이터시트(HTML) 3 Page - ATGBICS by Approved Technology

  I-MGBIC-GTX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GTX-C_V1
Page 3 of 7
Product Datasheet
5. RD-/+: These are the differential receiver outputs. They are ac coupled 100-ohm differential lines which
should be terminated with 100-ohm differential at the user SerDes. The ac coupling is done inside the
module and is thus not required on the host board. The voltage swing on these lines will be between 370
and 2000 mV differential (185 – 1000 mV single ended) when properly terminated. These levels are
compatible with CML and LVPECL voltage swings.
6. VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 3.3 V ± 5% at the
SFP connector pin. The maximum supply current is about 300mA, and the associated in-rush current will
typically be no more than 30 mA above steady state after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100 W
differential termination inside the module. The ac coupling is done inside the module and is thus not
required on the host board. The inputs will accept differential swings of 500 – 2400 mV (250 –1200 mV
single ended), though it is recommended that values between 500 and 1200 mV differential (250 – 600 mV
single ended) be used for best EMI performance. These levels are compatible with CML and LVPECL
voltage swings.
Figure 1. Diagram of host board connector block pin numbers and names


유사한 부품 번호 - I-MGBIC-GTX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

유사한 설명 - I-MGBIC-GTX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
MGBIC-02-C ATGBICS-MGBIC-02-C Datasheet
185Kb / 7P
   MGBIC-02 Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
BTI-MGBIC-GTX-C ATGBICS-BTI-MGBIC-GTX-C Datasheet
195Kb / 7P
   BTI-MGBIC-GTX Telco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-100M-COPPER-C ATGBICS-SFP-100M-COPPER-C Datasheet
195Kb / 7P
   SFP-100M-COPPER Lantronix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1G-T-C ATGBICS-SFP-1G-T-C Datasheet
185Kb / 7P
   SFP-1G-T Arista Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GE-RJ45-C ATGBICS-SFP-GE-RJ45-C Datasheet
195Kb / 7P
   SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GIG-T-C ATGBICS-SFP-GIG-T-C Datasheet
185Kb / 7P
   SFP-GIG-T Alcatel Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1GE-T-C ATGBICS-SFP-1GE-T-C Datasheet
195Kb / 7P
   SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-9G-C ATGBICS-SFP-9G-C Datasheet
195Kb / 7P
   SFP-9G Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000T-C ATGBICS-SFP-1000T-C Datasheet
195Kb / 7P
   SFP-1000T ZyXEL Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000BASET-C ATGBICS-SFP-1000BASET-C Datasheet
195Kb / 7P
   SFP-1000BaseT Huawei Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com