전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GTX-C 데이터시트(PDF) 1 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GTX-C
상세설명  I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GTX-C 데이터시트(HTML) 1 Page - ATGBICS by Approved Technology

  I-MGBIC-GTX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GTX-C_V1
Page 1 of 7
Product Datasheet
I-MGBIC-GTX-C
Enterasys® Compatible 10/100/1000Base-T SFP Copper
Transceiver
Hot Pluggable, 1.25Gb/s, Cat-5 UTP Cable, 100m
FEATURES
• Up to 1.25Gb/s bi-directional data links
• 10/100/1000BASE-T auto negotiation
• Hot-pluggable SFP footprint
• Fully metallic enclosure for low EMI
• Low power dissipation
• Compact RJ-45 connector assembly
• Detailed product information in EEPROM
• +3.3V single power supply
• Access to physical layer IC via 2-wire serial bus
• 10/100/1000 BASE-T operation in host systems with SGMII interface
• Compliant with SFP MSA
• Compliant with IEEE Std 802.3TM-2002
• Compliant with FCC 47 CFR Part 15, Class B
• RoHS Compliant Products
APPLICATIONS
• 1.25 Gigabit Ethernet over Cat 5 cable
• Switch/Router to Switch/Router Link
• High speed I/O for file severs
DESCRIPTION
ATGBICS® Compatible
I-MGBIC-GTX-C 10/100/1000BASE-T copper SFP transceiver is high-performance,
cost-effective module compliant with the Gigabit Ethernet and 10/100/1000BASE-T standards as specified in
IEEE 802. 3-2002 and IEEE 802.3ab, which supporting 10/100/1000Mbps data- rate up to 100 meters reach
over unshielded twisted-pair category 5 cable. The I-MGBIC-GTX-C supports 10/100/1000 Mbps full duplex
datalinks with 5-level Pulse Amplitude Modulation (PAM) signals. All four pairs in the cable are used with
symbol rate at 250Mbps on each pair. The I-MGBIC-GTX-C provides standard serial ID information compliant
with SFP MSA, which can be accessed with address of A0h via the 2-wire serial CMOS EEPROM protocol.
The physical IC can also be accessed via 2-wire serial bus at address ACh.


유사한 부품 번호 - I-MGBIC-GTX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

유사한 설명 - I-MGBIC-GTX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
MGBIC-02-C ATGBICS-MGBIC-02-C Datasheet
185Kb / 7P
   MGBIC-02 Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
BTI-MGBIC-GTX-C ATGBICS-BTI-MGBIC-GTX-C Datasheet
195Kb / 7P
   BTI-MGBIC-GTX Telco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-100M-COPPER-C ATGBICS-SFP-100M-COPPER-C Datasheet
195Kb / 7P
   SFP-100M-COPPER Lantronix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1G-T-C ATGBICS-SFP-1G-T-C Datasheet
185Kb / 7P
   SFP-1G-T Arista Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GE-RJ45-C ATGBICS-SFP-GE-RJ45-C Datasheet
195Kb / 7P
   SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GIG-T-C ATGBICS-SFP-GIG-T-C Datasheet
185Kb / 7P
   SFP-GIG-T Alcatel Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1GE-T-C ATGBICS-SFP-1GE-T-C Datasheet
195Kb / 7P
   SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-9G-C ATGBICS-SFP-9G-C Datasheet
195Kb / 7P
   SFP-9G Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000T-C ATGBICS-SFP-1000T-C Datasheet
195Kb / 7P
   SFP-1000T ZyXEL Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000BASET-C ATGBICS-SFP-1000BASET-C Datasheet
195Kb / 7P
   SFP-1000BaseT Huawei Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com