전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MGBIC-GZX-C 데이터시트(PDF) 6 Page - ATGBICS by Approved Technology

부품명 I-MGBIC-GZX-C
상세설명  I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATGBICS [ATGBICS by Approved Technology]
홈페이지  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GZX-C 데이터시트(HTML) 6 Page - ATGBICS by Approved Technology

  I-MGBIC-GZX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GZX-C_V1
Page 6 of 8
Product Datasheet
EEPROM Serial ID Memory Contents (A0h)
Data
Address
Length
(Byte)
Name of
Length
Description and Contents
Base ID Fields
0
1
Identifier
Type of Serial transceiver (03h=SFP)
1
1
Reserved
Extended identifier of type serial transceiver (04h)
2
1
Connector
Code of optical connector type (07=LC)
3-10
8
Transceiver
11
1
Encoding
NRZ(03h)
12
1
BR, Nominal
Nominal baud rate, unit of 100Mbps
13-14
2
Reserved
(0000h)
15
1
Length(9um)
Link length supported for 9/125um fiber, units of 100m
16
1
Length(50um)
Link length supported for 50/125um fiber, units of 10m
17
1
Length(62.5um)
Link length supported for 62.5/125um fiber, units of 10m
18
1
Length(Copper)
Link length supported for copper, units of meters
19
1
Reserved
20-35
16
Vendor Name
SFP vendor name: ATGBICS
36
1
Reserved
37-39
3
Vendor OUI
SFP transceiver vendor OUI ID
40-55
16
Vendor PN
Part Number: “I-MGBIC-GZX-C” (ASCII)
56-59
4
Vendor rev
Revision level for part number
60-62
3
Reserved
63
1
CCID
Least significant byte of sum of data in address 0-62
Extended ID Fields
64-65
2
Option
Indicates which optical SFP signals are implemented
(001Ah = LOS, TX_FAULT, TX_DISABLE all supported)
66
1
BR, max
Upper bit rate margin, units of %
67
1
BR, min
Lower bit rate margin, units of %
68-83
16
Vendor SN
Serial number (ASCII)
84-91
8
Date code
’s Manufacturing date code
92-94
3
Reserved
95
1
CCEX
Check code for the extended ID Fields (addresses 64 to 94)
Vendor Specific ID Fields
96-127
32
Readable
specific date, read only
128-255
128
Reserved
Reserved for SFF-8079
Regulatory Compliance


유사한 부품 번호 - I-MGBIC-GZX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

유사한 설명 - I-MGBIC-GZX-C

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
MGBIC-08-C ATGBICS-MGBIC-08-C Datasheet
285Kb / 8P
   MGBIC-08 Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860A-C ATGBICS-J4860A-C Datasheet
285Kb / 8P
   J4860A HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860B-C ATGBICS-J4860B-C Datasheet
285Kb / 8P
   J4860B HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860C-C ATGBICS-J4860C-C Datasheet
285Kb / 8P
   J4860C HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FC95700190-C ATGBICS-FC95700190-C Datasheet
285Kb / 8P
   FC95700190 Fujitsu Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
61004014-C ATGBICS-61004014-C Datasheet
265Kb / 8P
   61004014 Adva Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
VE6050T02-C ATGBICS-VE6050T02-C Datasheet
285Kb / 8P
   VE6050T02 Emerson Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
10053-C ATGBICS-10053-C Datasheet
285Kb / 8P
   10053 Extreme Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com