전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATMEGA1281-16MUR 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 ATMEGA1281-16MUR
상세설명  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281-16MUR 데이터시트(HTML) 1 Page - ATMEL Corporation

  ATMEGA1281-16MUR Datasheet HTML 1Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 2Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 3Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 4Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 5Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 6Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 7Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 8Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
2549QS–AVR–02/2014
Features
• High Performance, Low Power Atmel® AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 135 Powerful Instructions – Most Single Clock Cycle Execution
– 32 × 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16MHz
– On-Chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
– 64K/128K/256KBytes of In-System Self-Programmable Flash
– 4Kbytes EEPROM
– 8Kbytes Internal SRAM
– Write/Erase Cycles:10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85
C/ 100 years at 25C
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
• Endurance: Up to 64Kbytes Optional External Memory Space
• Atmel® QTouch® library support
Capacitive touch buttons, sliders and wheels
QTouch and QMatrix acquisition
Up to 64 sense channels
• JTAG (IEEE® std. 1149.1 compliant) Interface
Boundary-scan Capabilities According to the JTAG Standard
Extensive On-chip Debug Support
Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
Four 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode
Real Time Counter with Separate Oscillator
Four 8-bit PWM Channels
Six/Twelve PWM Channels with Programmable Resolution from 2 to 16 Bits
(ATmega1281/2561, ATmega640/1280/2560)
Output Compare Modulator
8/16-channel, 10-bit ADC (ATmega1281/2561, ATmega640/1280/2560)
Two/Four Programmable Serial USART (ATmega1281/2561, ATmega640/1280/2560)
Master/Slave SPI Serial Interface
Byte Oriented 2-wire Serial Interface
Programmable Watchdog Timer with Separate On-chip Oscillator
On-chip Analog Comparator
Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
Power-on Reset and Programmable Brown-out Detection
Internal Calibrated Oscillator
External and Internal Interrupt Sources
Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
• I/O and Packages
54/86 Programmable I/O Lines (ATmega1281/2561, ATmega640/1280/2560)
64-pad QFN/MLF, 64-lead TQFP (ATmega1281/2561)
100-lead TQFP, 100-ball CBGA (ATmega640/1280/2560)
RoHS/Fully Green
• Temperature Range:
–-40
C to 85C Industrial
• Ultra-Low Power Consumption
Active Mode: 1MHz, 1.8V: 500µA
Power-down Mode: 0.1µA at 1.8V
• Speed Grade:
ATmega640V/ATmega1280V/ATmega1281V:
• 0 - 4MHz @ 1.8V - 5.5V, 0 - 8MHz @ 2.7V - 5.5V
ATmega2560V/ATmega2561V:
• 0 - 2MHz @ 1.8V - 5.5V, 0 - 8MHz @ 2.7V - 5.5V
ATmega640/ATmega1280/ATmega1281:
• 0 - 8MHz @ 2.7V - 5.5V, 0 - 16MHz @ 4.5V - 5.5V
ATmega2560/ATmega2561:
• 0 - 16MHz @ 4.5V - 5.5V
Atmel ATmega640/V-1280/V-1281/V-2560/V-2561/V
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
SUMMARY


유사한 부품 번호 - ATMEGA1281-16MUR

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA1281-16MU ATMEL-ATMEGA1281-16MU Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
More results

유사한 설명 - ATMEGA1281-16MUR

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com