전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATMEGA1281-16MUR 데이터시트(PDF) 21 Page - ATMEL Corporation

부품명 ATMEGA1281-16MUR
상세설명  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281-16MUR 데이터시트(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA1281-16MUR Datasheet HTML 17Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 18Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 19Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 20Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 21Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 22Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 23Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 24Page - ATMEL Corporation ATMEGA1281-16MUR Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
ATmega640/V-1280/V-1281/V-2560/V-2561/V [SUMMARY]
2549QS–AVR–02/2014
Notes:
1. This device can also be supplied in wafer form. Contact your local Atmel sales office for detailed ordering information and
minimum quantities.
2. See “Speed Grades” on page 357.
3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
4. Tape & Reel.
9.3
ATmega1281
Speed [MHz](2)
Power Supply
Ordering Code
Package(1)(3)
Operation Range
81.8 - 5.5V
ATmega1281V-8AU
ATmega1281V-8AUR(4)
ATmega1281V-8MU
ATmega1281V-8MUR(4)
64A
64A
64M2
64M2
Industrial
(-40
C to 85C)
16
2.7 - 5.5V
ATmega1281-16AU
ATmega1281-16AUR(4)
ATmega1281-16MU
ATmega1281-16MUR(4)
64A
64A
64M2
64M2
Package Type
64A
64-lead, Thin (1.0mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M2
64-pad, 9mm × 9mm × 1.0mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF)


유사한 부품 번호 - ATMEGA1281-16MUR

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA1281-16MU ATMEL-ATMEGA1281-16MU Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
More results

유사한 설명 - ATMEGA1281-16MUR

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com