전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJLM108A-X 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 MJLM108A-X
상세설명  OPERATIONAL AMPLIFIERS (SINGLE)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

MJLM108A-X 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  MJLM108A-X Datasheet HTML 1Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 2Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 3Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 4Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 5Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 6Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 7Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 8Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MJLM108A-X REV 2A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
+Iib
Input Bias
Current
+Vcc = 35V, -Vcc = -5V, Vcm = -15V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
+Vcc = 5V, -Vcc = -35V, Vcm = 15V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
+Vcc = +5V, -Vcc = -5V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
-Iib
Input Bias
Current
+Vcc = 35V, -Vcc = -5V, Vcm = -15V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
+Vcc = 5V, -Vcc = -35V, Vcm = 15V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
+Vcc = +5V, -Vcc = -5V
-0.1
2
nA
1
-1
2
nA
2
-0.1
3
nA
3
+PSRR
Power Supply
Rejection Ratio
+Vcc = 10V, -Vcc = -20V
-16
16
uV/V
1, 2,
3
-PSRR
Power Supply
Rejection Ratio
+Vcc = 20V, -Vcc = -10V
-16
16
uV/V
1, 2,
3
CMRR
Common Mode
Rejection Ratio
Vcm = +15V
96
dB
1, 2,
3
Ios+
Short Circuit
Current
+Vcc = +15V, -Vcc = -15V, t < 25mS
-15
mA
1, 2,
3
5


유사한 부품 번호 - MJLM108A-X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
   VOLTAGE REGULATOR -5 VOLTS AT .5A
More results

유사한 설명 - MJLM108A-X

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com