전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIGC28T60 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 SIGC28T60
상세설명  IGBT3 Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC28T60 데이터시트(HTML) 1 Page - Infineon Technologies AG

  SIGC28T60 Datasheet HTML 1Page - Infineon Technologies AG SIGC28T60 Datasheet HTML 2Page - Infineon Technologies AG SIGC28T60 Datasheet HTML 3Page - Infineon Technologies AG SIGC28T60 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGC28T60
Edited by INFINEON Technologies AI PS DD CLS, L7561A, Edition 2, 27.01.2005
IGBT
3
Chip
This chip is used for:
power module
discrete components
FEATURES:
600V Trench & Field Stop technology
low VCE(sat)
low turn-off losses
short tail current
positive temperature coefficient
easy paralleling
Applications:
drives
G
C
E
Chip Type
VCE
ICn
Die Size
Package
Ordering Code
SIGC28T60
600V
50A
6.57 x 4.2 mm
2
sawn on foil
Q67050-
A4337-A101
MECHANICAL PARAMETER:
Raster size
6.57 x 4.2
Emitter pad size
2.166 x 3.401
2.432 x 3.401
Gate pad size
0.817 x 1.52
mm
2
Area total / active
27.6 / 20
mm
2
Thickness
70
µm
Wafer size
150
mm
Flat position
90
deg
Max. possible chips per wafer
457 pcs
Passivation frontside
Photoimide
Emitter metallization
3200 nm AlSiCu
Collector metallization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al, <500µm
Reject ink dot size
∅ 0.65mm ; max 1.2mm
Recommended storage environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


유사한 부품 번호 - SIGC28T60

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SIGC28T60E INFINEON-SIGC28T60E Datasheet
286Kb / 9P
   600V trench & field stop technology
Rev. 2.1, 19.07.2017
More results

유사한 설명 - SIGC28T60

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SIGC06T60G INFINEON-SIGC06T60G Datasheet
75Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC32T120R3L INFINEON-SIGC32T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC15T60 INFINEON-SIGC15T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC42T170R3G INFINEON-SIGC42T170R3G Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 1, 08.01.04
SIGC158T120R3 INFINEON-SIGC158T120R3 Datasheet
81Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
SIGC186T170R3 INFINEON-SIGC186T170R3 Datasheet
70Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC08T60 INFINEON-SIGC08T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC12T120L INFINEON-SIGC12T120L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC57T120R3L INFINEON-SIGC57T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC68T170R3 INFINEON-SIGC68T170R3 Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC76T60R3 INFINEON-SIGC76T60R3 Datasheet
83Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com