전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67050-A4109-A001 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 Q67050-A4109-A001
상세설명  IGBT3 Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67050-A4109-A001 데이터시트(HTML) 2 Page - Infineon Technologies AG

  Q67050-A4109-A001 Datasheet HTML 1Page - Infineon Technologies AG Q67050-A4109-A001 Datasheet HTML 2Page - Infineon Technologies AG Q67050-A4109-A001 Datasheet HTML 3Page - Infineon Technologies AG Q67050-A4109-A001 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIGC158T120R3
Edited by INFINEON Technologies AI PS DD HV3, L7691A, Edition 2, 04.09.2003
MAXIMUM RATINGS:
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tj=25 °C
V CE
1200
V
DC collector current, limited by Tjmax
I C
1 )
A
Pulsed collector current, tp limited by Tjmax
I cpuls
450
A
Gate emitter voltage
V GE
±20
V
Operating junction and storage temperature
Tj, Tstg
-55 ... +150
°C
1 ) depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 °C, unless otherwise specified:
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Collector-emitter breakdown voltage
V(BR)CES
VGE=0V , IC= 6 mA
1200
Collector-emitter saturation voltage
VCE(sat)
VGE=15V, IC=150A
1.4
1.7
2.1
Gate-emitter threshold voltage
VGE(th)
IC=6mA , VGE=VCE
5.0
5.8
6.5
V
Zero gate voltage collector current
ICES
VCE=1200V , VGE=0V
20
µA
Gate-emitter leakage current
IGES
VCE=0V , VGE=20V
600
nA
Integrated gate resistor
RGint
5
ELECTRICAL CHARACTERISTICS (tested at component):
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Input capacitance
Ciss
10766
Output capacitance
Coss
563
Reverse transfer capacitance
Crss
V CE=25V,
V GE=0V,
f =1MHz
488
pF
SWITCHING CHARACTERISTICS (tested at component), Inductive Load
Value
Parameter
Symbol
Conditions
1)
min.
typ.
max.
Unit
Turn-on delay time
t d(on)
300
Rise time
t r
95
Turn-off delay time
t d(off)
650
Fall time
t f
Tj=125 ° C
V CC =600V,
I C =150A,
V GE= - 15/15V,
RG= 8.2Ω
180
ns
1) values also influenced by parasitic L- and C- in measurement and package.


유사한 부품 번호 - Q67050-A4109-A001

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67050-A4100 INFINEON-Q67050-A4100 Datasheet
66Kb / 4P
Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4101-A102 INFINEON-Q67050-A4101-A102 Datasheet
66Kb / 4P
Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4102-A001 INFINEON-Q67050-A4102-A001 Datasheet
74Kb / 4P
IGBT Chip
Edition 2, 04.09.2003
Q67050-A4103-A001 INFINEON-Q67050-A4103-A001 Datasheet
75Kb / 4P
IGBT3 Chip
Edition 2, 04.09.2003
Q67050-A4104-A001 INFINEON-Q67050-A4104-A001 Datasheet
77Kb / 4P
IGBT3 Chip
Edition 2, 04.09.2003
More results

유사한 설명 - Q67050-A4109-A001

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SIGC06T60G INFINEON-SIGC06T60G Datasheet
75Kb / 4P
IGBT3 Chip
Edition 2, 27.01.2005
SIGC32T120R3L INFINEON-SIGC32T120R3L Datasheet
71Kb / 4P
IGBT3 Chip
Edition 2, 04.09.03
SIGC15T60 INFINEON-SIGC15T60 Datasheet
76Kb / 4P
IGBT3 Chip
Edition 2, 27.01.2005
SIGC42T170R3G INFINEON-SIGC42T170R3G Datasheet
71Kb / 4P
IGBT3 Chip
Edition 1, 08.01.04
SIGC186T170R3 INFINEON-SIGC186T170R3 Datasheet
70Kb / 4P
IGBT3 Chip
Edition 2, 04.09.03
SIGC08T60 INFINEON-SIGC08T60 Datasheet
76Kb / 4P
IGBT3 Chip
Edition 2, 27.01.2005
SIGC12T120L INFINEON-SIGC12T120L Datasheet
71Kb / 4P
IGBT3 Chip
Edition 2, 04.09.03
SIGC57T120R3L INFINEON-SIGC57T120R3L Datasheet
71Kb / 4P
IGBT3 Chip
Edition 2, 04.09.03
SIGC68T170R3 INFINEON-SIGC68T170R3 Datasheet
71Kb / 4P
IGBT3 Chip
Edition 2, 04.09.03
SIGC76T60R3 INFINEON-SIGC76T60R3 Datasheet
83Kb / 4P
IGBT3 Chip
Edition 2, 27.01.2005
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com