전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSZ9563RNXI 데이터시트(PDF) 215 Page - Microchip Technology

부품명 KSZ9563RNXI
상세설명  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI 데이터시트(HTML) 215 Page - Microchip Technology

Back Button KSZ9563RNXI Datasheet HTML 211Page - Microchip Technology KSZ9563RNXI Datasheet HTML 212Page - Microchip Technology KSZ9563RNXI Datasheet HTML 213Page - Microchip Technology KSZ9563RNXI Datasheet HTML 214Page - Microchip Technology KSZ9563RNXI Datasheet HTML 215Page - Microchip Technology KSZ9563RNXI Datasheet HTML 216Page - Microchip Technology KSZ9563RNXI Datasheet HTML 217Page - Microchip Technology KSZ9563RNXI Datasheet HTML 218Page - Microchip Technology KSZ9563RNXI Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 215
KSZ9563R
8.0
PACKAGE INFORMATION
8.1
Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
t
Temperature range designator (C = Commercial, I = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
64-VQFN
 
KSZ9563RNXt
Rnnn e3
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More