| 전자부품 데이터시트 검색엔진 |
|
KSZ9563RNXI 데이터시트(PDF) 172 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXI 데이터시트(HTML) 172 Page - Microchip Technology |
|
172 / 226 page ![]() KSZ9563R DS00002419D-page 172 2017-2018 Microchip Technology Inc. 5.2.8.3 Port Transmit Queue Control 0 Register This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the Port Transmit Queue Index Register before accessing this register. 5.2.8.4 Port Transmit Queue Control 1 Register This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the Port Transmit Queue Index Register before accessing this register. Address: 0xN914 Port N: 1-3 Size: 8 bits Bits Description Type Default 7:6 Scheduler Mode Determines the egress scheduling policy when 2 or 4 transmit queues are enabled. 00 = Strict Priority. All packets in queue 3 are transmitted before any packets from any lower number queue will be transmitted. All packets in queue 2 are transmitted before any packets from any lower number queue, etc.. 10 = Weighted Round Robin (WRR). As determined by the weight values in the (queue indexed) Port Transmit Queue Control 1 Register, a limited num- ber of packets are transmitted from a queue before the next queue is serviced. All queues are serviced in turn. 01 and 11 = RESERVED R/W 10b 5:4 Shaper Mode Determines the egress traffic shaper used. 00 = No shaping. 01 = Credit based shaper (CBS) as defined in IEEE 802.1Qav for AVB 10 = RESERVED 11 = RESERVED R/W 00b 3:0 RESERVED RO 0000b Address: 0xN915 Port N: 1-3 Size: 8 bits Bits Description Type Default 7 RESERVED RO 0b 6:0 Queue Weight for WRR Scheduling During weighted round robin (WRR) scheduling, this value specifies the num- ber of packets that may be transmitted from the particular queue before the next queue is serviced. These values are not relevant when the port is config- ured for a single egress queue. Do not assign 0 to any queue. Example values for a 4-queue configuration are 8 (for queue 3), 4 (for queue 2), 2 (for queue1) and 1 (for queue 0). R/W 0000001 |