![]() |
전자부품 데이터시트 검색엔진 |
|
T 데이터시트(PDF) 6 Page - C&K Components |
|
|
T 데이터시트(HTML) 6 Page - C&K Components |
6 / 6 page ![]() G G–51 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ckswitches.com T Series Subminiature Rocker Switches AVAILABLE HARDWARE J1 Actuator PART NO. 468002263 BLACK Material: Nylon Finish: Matte J6 Actuator PART NO. 468102263 BLACK Material: Nylon Finish: Matte NOTE: Other colors, custom actuator markings and legends available, consult Customer Service Center. NOTE: Additional nuts, screws and lockwashers available separately, see Technical Data section of this catalog. TYPICAL ASSEMBLY SCREW PANEL THICKNESS STAND-OFF LOCKWASHER NUT STAND-OFF LENGTH Panel mounting hardware for rocker and lever handle switches is available separately. Mounting hardware consists of two screws, two nuts, two standoffs and two lockwashers per switch, and is available for panel thicknesses of 1/16, 3/32 and 1/8 inch. See part numbers below. PART NO. PANEL THK. STANDOFF LENGTH 761101000 1/16 IN. (1,59) .295 (7,49) 761102000 3/32 IN. (2,38) .264 (6,71) 761103000 1/8 IN. (3,18) .233 (5,92) |
유사한 설명 - T |