전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GAAGD06 데이터시트(PDF) 1 Page - Belden Inc.

부품명 GAAGD06
상세설명  Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 6f MM OM3.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELDEN [Belden Inc.]
홈페이지  https://www.belden.com/
Logo BELDEN - Belden Inc.

GAAGD06 데이터시트(HTML) 1 Page - Belden Inc.

  GAAGD06 Datasheet HTML 1Page - Belden Inc. GAAGD06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GAAGD06
Outdoor (ADSS) OFC MLT: ARAMID + PE with 6 Tubes of Ø1.9mm 6f MM
OM3.
Product Description
Outdoor dry core (ADSS) optical fiber Multi Loose Tube cable with aramid yarns as strength member and polyethylene outer jacket. Product feature: This cable
has all dielectric and self-supporting properties. Existing out of 6 tubes with a diameter of 1.9mm with 6 fibers (1t x 6f) MM OM3.
Technical Specifications
Product Overview
Construction Type:
Multi Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
All dielectric self-supporting cable (ADSS) for Outdoor use. Particularly suitable for installation between poles with a max span of 150m. Initial sag at 20°C: 1% of span.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
Subunit Color
OM3
6
TIA coding (Gxxxxxx.T): Blue
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White
Central Strength Member:
GRP
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Aramid Yarns + Tape
Bulk Cable Weight:
72 kg/km
SubUnit Specifications
Number of Active Subunits:
1
Number of Subunit Positions:
6
Fibers Per Subunit:
6
Subunit Diameter:
1.9 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
10.3 mm
Yes
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics


유사한 부품 번호 - GAAGD06

제조업체부품명데이터시트상세설명
logo
Belden Inc.
GAAGD12 BELDEN-GAAGD12 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 12f MM OM3.
01-20-2023
GAAGD18 BELDEN-GAAGD18 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 18f MM OM3.
01-20-2023
GAAGD24 BELDEN-GAAGD24 Datasheet
152Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 24f MM OM3.
01-19-2023
GAAGD24.002100 BELDEN-GAAGD24.002100 Datasheet
152Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 24f MM OM3.
01-19-2023
GAAGD30 BELDEN-GAAGD30 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 30f MM OM3.
01-20-2023
More results

유사한 설명 - GAAGD06

제조업체부품명데이터시트상세설명
logo
Belden Inc.
GAAG206 BELDEN-GAAG206 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 6f MM OM2.
01-20-2023
GAAG230 BELDEN-GAAG230 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 30f MM OM2.
01-20-2023
GAAGD12 BELDEN-GAAGD12 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 12f MM OM3.
01-20-2023
GAAGD18 BELDEN-GAAGD18 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 18f MM OM3.
01-20-2023
GAAGD24 BELDEN-GAAGD24 Datasheet
152Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 24f MM OM3.
01-19-2023
GAAGD30 BELDEN-GAAGD30 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 30f MM OM3.
01-20-2023
GAAGD36 BELDEN-GAAGD36 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 36f MM OM3.
01-20-2023
GAAGE06 BELDEN-GAAGE06 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 6f MM OM4.
01-20-2023
GAAGE24 BELDEN-GAAGE24 Datasheet
151Kb / 2P
Outdoor (ADSS) OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 24f MM OM4.
01-20-2023
GBAHD72 BELDEN-GBAHD72 Datasheet
151Kb / 2P
Outdoor OFC MLT: ARAMID PE with 6 Tubes of Ø1.9mm 72f MM OM3.
01-20-2023
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com