전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ-3241-M-M20 데이터시트(PDF) 8 Page - Moujen Global Co., Ltd.

부품명 MJ-3241-M-M20
상세설명  Heavy Duty Limit Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOUJEN [Moujen Global Co., Ltd.]
홈페이지  https://www.moujenglobal.com/
Logo MOUJEN - Moujen Global Co., Ltd.

MJ-3241-M-M20 데이터시트(HTML) 8 Page - Moujen Global Co., Ltd.

Back Button MJ-3241-M-M20 Datasheet HTML 4Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 5Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 6Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 7Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 8Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 9Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 10Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 11Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 12Page - Moujen Global Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
13
moujenglobal.com
Handling and Usage
Operation of Fork Lock Lever switches:
NC terminal: ON
NO terminal: ON
NO terminal: ON
Fork Lock Lever roller positions:
MJ-3241
MJ-3242
MJ-3243
MJ-3244
MJ-7


유사한 부품 번호 - MJ-3241-M-M20

제조업체부품명데이터시트상세설명
logo
CUI INC
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
logo
CUI Devices
MJ-3502 CUID-MJ-3502 Datasheet
376Kb / 3P
AUDIO JACK
04/01/2020
logo
CUI INC
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
logo
CUI Devices
MJ-3502N CUID-MJ-3502N Datasheet
332Kb / 3P
AUDIO JACK
04/01/2020
logo
CUI INC
MJ-3510-SMT CUI-MJ-3510-SMT Datasheet
283Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
More results

유사한 설명 - MJ-3241-M-M20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
E50RA ETC2-E50RA Datasheet
465Kb / 11P
Limit Switches E50 Heavy-Duty Plug-In Switches
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Honeywell Solid State E...
HDLS HONEYWELL-HDLS Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com