전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ-3241-M-M20 데이터시트(PDF) 9 Page - Moujen Global Co., Ltd.

부품명 MJ-3241-M-M20
상세설명  Heavy Duty Limit Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOUJEN [Moujen Global Co., Ltd.]
홈페이지  https://www.moujenglobal.com/
Logo MOUJEN - Moujen Global Co., Ltd.

MJ-3241-M-M20 데이터시트(HTML) 9 Page - Moujen Global Co., Ltd.

Back Button MJ-3241-M-M20 Datasheet HTML 5Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 6Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 7Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 8Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 9Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 10Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 11Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 12Page - Moujen Global Co., Ltd. MJ-3241-M-M20 Datasheet HTML 13Page - Moujen Global Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
108
moujenglobal.com
Precautions for Safe Use
• Be sure to ground. Otherwise electric shock may result.
• Do not touch charged switch terminals while the switch is carrying current, otherwise electric shock may result.
• Do not disassemble or touch the inside while the power is turned on, otherwise electric shock may result.
• Do not handle products without proper protective gears; doing so may result in injury.
• Connect a fuse which has 1.5 to 2 times higher breaking current than the product, in order to prevent products from
short-circuit damage.
• On the occasion when using the switch with EN/IEC/GB ratings, use a 10 A fuse that complies IEC60269, either type
gG or gL.
• Operating conditions will affect product durability. Be sure to check with actual using conditions before usage.
• Do not drop the switch.
• Do not connect a Single Limit Switch to two power supplies that are different in polarity or type. This may increase
the risk of interference.
• Be sure to keep the load current less than the rated value. Otherwise, there is the possibility that the switch may be
damaged and/or burnout.
• Do not use the Switch by itself in atmospheres containing flammable or explosive gases. Arcs and heat resulted from
constant actuating may cause fire or explosion.
• Be sure to prevent foreign materials such as scrapped cable intrusion into the switch when wiring. Otherwise, there
is the possibility of spoiling normal operations.
• Do not wire to the wrong terminals.
• Using the Switch in a pressed-in state for an extended period of time can accelerate part deterioration and also lead
to failure to return to the original position. Check the Switch beforehand, and perform periodic inspection and
replacement.
• Do not store or use the switch at the following places: (i)where the temperature fluctuates greatly. (ii)where the
humidity is very high and condensation may occur. (iii)Where the vibration is great. (iv)Where there is direct sun light.
(v)Where exposed to salty winds. (vi)Where exposed to cutting powder, machining chips, oil, and chemicals inside the
protective doors. (vii)Where exposed to cleansers, thinners, and other solvents.
• Do not use or store the Switch in locations with corrosive gas, such as sulfuric gas (H2S or SO2), ammonium gas
(NH3), nitric gas (HNO3), or chlorine gas (Cl2), or high temperature and humidity. Otherwise, contact failure or
corrosion damage may result.
• Do not disassemble and/or modify the switch at any time. Otherwise, there is the possibility of spoiling the normal
operation.
• Do not apply deformative and/or degenerative forces to products.
• If products have been used over an extended period of time or uses stated in products datasheets, contact reliability
may still degrade due to natural oxidation; resulting in inadequate conductivity, which may lead to an accident. Please
swiftly preform inspections and insure proper replacements are carried out.
• Only allow certified professionals to preform installing and maintenance tasks.


유사한 부품 번호 - MJ-3241-M-M20

제조업체부품명데이터시트상세설명
logo
CUI INC
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
logo
CUI Devices
MJ-3502 CUID-MJ-3502 Datasheet
376Kb / 3P
AUDIO JACK
04/01/2020
logo
CUI INC
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
logo
CUI Devices
MJ-3502N CUID-MJ-3502N Datasheet
332Kb / 3P
AUDIO JACK
04/01/2020
logo
CUI INC
MJ-3510-SMT CUI-MJ-3510-SMT Datasheet
283Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
More results

유사한 설명 - MJ-3241-M-M20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
E50RA ETC2-E50RA Datasheet
465Kb / 11P
Limit Switches E50 Heavy-Duty Plug-In Switches
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Honeywell Solid State E...
HDLS HONEYWELL-HDLS Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com