전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC806-16 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 BC806-16
상세설명  80 V, 500 mA PNP general-purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC806-16 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC806-16 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC806-16 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
BC806 series
80 V, 500 mA PNP general-purpose transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A
-80
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -2 mA; IE = 0 A
-80
-
V
V(BR)EBO
emitter-base
breakdown voltage
IE = -100 µA; IC = 0 A
-8
-
V
VCB = -64 V; IE = 0 A
-
-
-100 nA
ICBO
collector-base
cut-off current
VCB = -64 V; IE = 0 A; Tj = 150 °C
-
-
-5
μA
IEBO
emitter-base
cut-off current
VEB = -6.4 V; IC = 0 A
-
-
-100 nA
DC current gain
BC806-16
VCE = -1 V; IC = -100 mA
[1] 100
-
250
BC806-25
VCE = -1 V; IC = -100 mA
[1] 160
-
400
hFE
VCE = -2 V; IC = -500 mA
[1] 30
-
-
IC = -100 mA; IB = -10 mA
[1] -
-
-150 mV
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA
[1] -
-
-400 mV
VBE
base-emitter voltage
VCE = -1 V; IC = -500 mA
[1] -
-
-1.2
V
fT
transition frequency
VCE = -5 V; IC = -50 mA; f = 100 MHz
80
-
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = ie = 0 A; f = 1 MHz
-
5
-
pF
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
BC806_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 5 November 2019
5 / 12


유사한 부품 번호 - BC806-16

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC806-16 NEXPERIA-BC806-16 Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC806-16 / -25 NEXPERIA-BC806-16 / -25 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
BC806-16H NEXPERIA-BC806-16H Datasheet
291Kb / 16P
80 V, 500 mA PNP general-purpose transistors
Rev. 1 - 26 March 2020
BC806-16H NEXPERIA-BC806-16H Datasheet
273Kb / 16P
80 V, 500 mA NPN general-purpose transistors
Rev. 1 - 26 March 2020
BC806-16W NEXPERIA-BC806-16W Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
More results

유사한 설명 - BC806-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC807 NXP-BC807 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC806H_SER NEXPERIA-BC806H_SER Datasheet
291Kb / 16P
80 V, 500 mA PNP general-purpose transistors
Rev. 1 - 26 March 2020
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC816H_SER NEXPERIA-BC816H_SER Datasheet
273Kb / 16P
80 V, 500 mA NPN general-purpose transistors
Rev. 1 - 26 March 2020
BC816W_SER NEXPERIA-BC816W_SER Datasheet
246Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 27 November 2019
BC816_SER NEXPERIA-BC816_SER Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com