전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0C1VCU3 데이터시트(PDF) 117 Page - STMicroelectronics

부품명 STM32G0C1VCU3
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1VCU3 데이터시트(HTML) 117 Page - STMicroelectronics

Back Button STM32G0C1VCU3 Datasheet HTML 113Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 114Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 115Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 116Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 117Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 118Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 119Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 120Page - STMicroelectronics STM32G0C1VCU3 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
DS13564 Rev 4
117/159
STM32G0C1xC/xE
Electrical characteristics
124
The SDA and SCL I/O requirements are met with the following restrictions: the SDA and
SCL I/O pins are not “true” open-drain. When configured as open-drain, the PMOS
connected between the I/O pin and VDDIO1 is disabled, but is still present. Only FT_f I/O pins
support Fm+ low-level output current maximum requirement. Refer to Section 5.3.14: I/O
port characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the following table for its
characteristics:
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 75 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 24: General operating conditions. The additional general conditions
are:
•
OSPEEDRy[1:0] set to 11 (output speed)
•
capacitive load C = 30 pF
•
measurement points at CMOS levels: 0.5 x VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 73. Minimum I2CCLK frequency
Symbol
Parameter
Condition
Typ
Unit
fI2CCLK(min)
Minimum I2CCLK
frequency for correct
operation of I2C
peripheral
Standard-mode
2
MHz
Fast-mode
Analog filter enabled
9
DNF = 0
Analog filter disabled
9
DNF = 1
Fast-mode Plus
Analog filter enabled
18
DNF = 0
Analog filter disabled
16
DNF = 1
Table 74. I2C analog filter characteristics(1)
Symbol
Parameter
Min
Max
Unit
tAF
Limiting duration of spikes suppressed
by the filter(2)
50
260
ns
1. Based on characterization results, not tested in production.
2. Spikes shorter than the limiting duration are suppressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com